Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 22Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 23Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 24Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 25Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 26Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 27Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 28Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 29Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Pin description
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
26/371
29
21
PD0/OCMP2_A/
MCPWMW(10)/AIN11
I/O CT
X
XX
X
Port D0
Timer A output
compare 2
MTC PWM output
W(10)
ADC analog input 11
30
22
PD1(HS)/OCMP1_A/
MCPWMV(10)/
MCDEM(11)
I/O CT HS X
ei0
X
X
Port D1
Timer A output
compare 1
MTC PWM output V(10)
MTC
demagnetization(11)
31
23
PD2/ICAP2_A/
MCZEM(11)/AIN12
I/O CT
X
ei0
X
X
X
Port D2
Timer A input capture 2
MTC BEMF(11)
ADC analog input 12
32
24
PD3/ICAP1_A/AIN13
I/O CT
X
ei0
X
X
X
Port D3
Timer A
input
capture 1
ADC
analog
input 13
33
25
PD4/EXTCLK_A/ICCC
LK/
AIN14
I/O CT
X
ei0
X
X
X
Port D4
Timer A external clock
source
ICC clock output
ADC analog input 14
34
26
PD5/ICCDATA/AIN15
I/O CT
X
ei0
X
X
X
Port D5
ICC data input
ADC analog input 15
35
27
PD6/RDI
I/O CT HS X
ei0
X
X
Port D6
SCI receive data in
36
28
PD7/TDO
I/O CT HS X
XX
X
Port D7
SCI transmit data
output
(5)
(5)
VSS_2
(7)
S
Digital ground voltage
VDD_2
(7)
S
Digital main supply voltage
PH4
I/O
TT
X
XX
X
Port H4
PH5
I/O
TT
X
XX
X
Port H5
PH6
I/O
TT
X
XX
X
Port H6
Table 2.
Device pin description(1) (continued)
Pin
number
Pin name
Level
Port
Main
function
(after
reset)
Alternate function(2)
Input
Output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com