Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 24Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 25Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 26Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 27Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 28Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 29Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 30Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 31Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Register and memory map ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
28/371
3
Register and memory map
As shown in Figure 4 and Figure 5: Memory map and sector address on page 34, the MCU is capable of
addressing 64 Kbytes of memories and I/O registers.
The available memory locations consist of 128 bytes of register locations, up to 1 Kbytes of RAM and up
to 32 Kbytes of user program memory. The RAM space includes up to 256 bytes for the stack from 0100h
to 01FFh.
The highest address bytes contain the user reset and interrupt vectors.
Caution:
Memory locations marked as ‘reserved’ must never be accessed. Accessing a reserved
area can have unpredictable effects on the device.
Figure 4.
Memory map
0000h
Program memory
(32K, 16K, 8K)
Interrupt and reset vectors
HW registers
047Fh
007Fh
8000h
(see Table 3)
FFE0h
FFFFh
(see Table 22
)
Reserved
Short addressing
RAM (zero page)
256 bytes stack
16-bit addressing
RAM
0100h
01FFh
01FFh (384)
0080h
0200h
00FFh
32 Kbytes
FFFFh
8000h
or 047Fh (1024)
8 Kbytes
E000h
or 037Fh (764)
16 Kbytes
C000h
1 K
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com