Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 134Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 135Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 136Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 137Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 138Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 139Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 140Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 141Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
138/371
SPI data I/O register (SPIDR)
The SPIDR register is used to transmit and receive data on the serial bus. In a master
device, a write to this register initiates the transmission/reception of another byte.
Note:
During the last clock cycle the SPIF bit is set, a copy of the received data byte in the shift
register is moved to a buffer. When the user reads the serial peripheral data I/O register, the
buffer is actually being read.
5OVR
SPI overrun error
This bit is set by hardware when the byte currently being received in the shift register
is ready to be transferred into the SPIDR register while SPIF = 1 (see Overrun
condition (OVR) on page 133). An interrupt is generated if SPIE = 1 in the SPICR
register. The OVR bit is cleared by software reading the SPICSR register.
0: No overrun error
1: Overrun error detected
4MODF
Mode fault flag
This bit is set by hardware when the SS pin is pulled low in master mode (see Master
mode fault (MODF) on page 133). An SPI interrupt can be generated if SPIE = 1 in
the SPICR register. This bit is cleared by a software sequence (an access to the
SPICSR register while MODF = 1 followed by a write to the SPICR register).
0: No master mode fault detected
1: A fault in master mode has been detected
3
-
Reserved, must be kept cleared
2SOD
SPI output disable
This bit is set and cleared by software. When set, it disables the alternate function of
the SPI output (MOSI in master mode/MISO in slave mode).
0: SPI output enabled (if SPE = 1)
1: SPI output disabled
1
SSM
SS management
This bit is set and cleared by software. When set, it disables the alternate function of
the SPI SS pin and uses the SSI bit value instead (see Slave select management on
page 129).
0: Hardware management (SS managed by external pin)
1: Software management (internal SS signal controlled by SSI bit. External SS pin
free for general-purpose I/O)
0
SSI
SS internal mode
This bit is set and cleared by software. It acts as a ‘chip select’ by controlling the level
of the SS slave select signal when the SSM bit is set.
0: Slave selected
1: Slave deselected
SPIDR
Reset value: undefined
7
654
32
10
D[7:0]
R/W
Table 57.
SPICSR register description (continued)
Bit Name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com