Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 155Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 156Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 157Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 158Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 159Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 160Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 161Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 162Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
159/371
Slave
Set the LSLV bit in the SCICR3 register to enter LIN slave mode. In this case, setting the
SBK bit has no effect.
In LIN slave mode the LIN baud rate generator is selected instead of the conventional
prescaler or extended prescaler. The LIN baud rate generator is common to the transmitter
and the receiver.
The baud rate can then be programmed using LPR and LPRF registers.
Note:
It is mandatory to set the LIN configuration first before programming LPR and LPRF,
because the LIN configuration uses a different baud rate generator from the standard one.
LIN transmission
In LIN mode the same procedure as in SCI mode has to be applied for a LIN transmission.
The procedure to transmit the LIN header is as follows:
1.
First set the SBK bit in the SCICR2 register to start transmitting a 13-bit LIN synch
break.
2.
Reset the SBK bit.
3.
Load the LIN synch field (0x55) in the SCIDR register to request synch field
transmission.
4.
Wait until the SCIDR is empty (TDRE bit set in the SCISR register).
5.
Load the LIN message identifier in the SCIDR register to request identifier
transmission.
Figure 64.
LIN characters
Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7
Start
bit
Stop
bit
Next
start
bit
Idle line
8-bit word length (M bit is reset)
LIN synch break = 13 low bits
Extra
‘1’
Data character
Next data character
LIN synch field
LIN synch field
Measurement for baud rate autosynchronization
Start
bit
Start
bit
Next
start
bit
Stop
bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Start
bit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com