Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 245 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 245 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 241Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 242Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 243Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 244Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 245Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 246Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 247Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 248Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 249Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
245/371
Figure 111. PWM application in voltage or current sensor mode (see Table 134)
Deadtime generator
When using typical triple half bridge topology for power converters, precautions must be taken to avoid
short circuits in half bridges. This is ensured by driving high and low side switches with complementary
signals and by managing the time between the switching-off and the switching-on instants of the adjacent
switches.
This time is usually known as deadtime and has to be adjusted depending on the devices connected to
the PWM outputs and their characteristics (intrinsic delays of level-shifters, delays due to power switches,
etc.).
When driving motors in six-step mode, the deadtime generator function also allows synchronous
rectification to be performed on the switch adjacent to the one where PWM is applied to reduce
conduction losses.
For each of the three PWM channels, there is one 6-bit deadtime generator available.
It generates two output signals: A and B.
The A output signal is the same as the input phase signal except for the rising edge, which is delayed
relative to the input signal rising edge.
The B output signal is the opposite of the input phase signal except the rising edge which is delayed
relative to the input signal falling edge.
Figure 112 shows the relationship between the output signals of the deadtime register and its inputs.
(sensor mode: SR = 1)
Step
xx
0x 0
1
0
-
OS2
PWM behavior after C
0
1
High channels
Low channels
and before Z
OS1
Not used
OS0
PWM behavior after Z
0
1
High channels
Low channels
and before next C
OS2
OS0
Wait Z event
Delay
Delay
0x 1
1x0
1x1
0
1
High
Low
0
1
High
Low
0
1
High
Low
0
1
High
Low
In sensor mode, there is no demagnetization event and the PWM behavior can be changed before and after Z event.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com