Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 271 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 271 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 267Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 268Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 269Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 270Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 271Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 272Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 273Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 274Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
271/371
Phase state register (MPHST)
4SC
Simulated commutation event bit
0: Hardware commutation event in auto-switched mode (SWA = 1 in MCRA
register)
1: Simulated commutation event in auto-switched mode (SWA = 1 in MCRA
register)
3
SPLG
Sampling Z event at high frequency in sensorless mode (SR = 0)
This bit enables sampling at high frequency in sensorless mode independently of
the PWM signal or only during ON time if the DS[3:0] bits in the MCONF register
contain a value. Refer to Table 160: MCONF register description on page 284.
0: Normal mode (Z sampling at PWM frequency at the end of the OFF time)
1: Z event sampled at fSCF (see Table 166)
Note: When the SPLG bit is set, there is no minimum OFF time programmed by the
OT [3:0] bits, the OFF time is forced to 0µs. This means that in current mode, the
OFF time of the PWM signal comes only from the current loop.
2:0
VR[2:0]
BEMF/demagnetization reference threshold
These bits select the VREF value as shown below:
111: VREF voltage threshold = threshold voltage set by external MCVREF pin
110: 3.5V(1)
101: 2.5V(1)
100: 2V(1)
011: 1.5V(1)
010: 1V(1)
001: 0.6V(1)
000: 0.2V(1)
The VREF value is used for BEMF and demagnetization detection.
1.
Typical values for VDD =5V
MPHST
Reset value: 0000 0000 (00h)
7
654
32
10
IS[1:0](1)
1.
Preload bits, new value taken into account at the next C event.
OO[5:0](1)
R/W
R/W
Table 137.
MPHST register description
Bit
Name
Function
7:6
IS[1:0]
Input selection bits
These bits mainly select the input to connect to the comparator:
00: channel selected = MCIA.
01: channel selected = MCIB.
10: channel selected = MCIC.
11: channel selected = Both MCIA and MCIB: encoder mode.
The fourth configuration (IS[1:0] = 11) specifies that an incremental encoder is used
(in this case MCIA and MCIB digital signals are directly connected to the
incremental encoder interface and the analog multiplexer is bypassed).
Table 136.
MCRC register description (continued)
Bit
Name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com