Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 286 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 286 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 282Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 283Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 284Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 285Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 286Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 287Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 288Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 289Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 290Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
286/371
Motor Z event filter register (MZFR)
Table 162.
Tacho edges and input mode selection
TES 1
TES 0
Edge sensitivity
Operating mode
0
0
-
Position sensor or sensorless
0
1
Rising edge
Speed sensor
1
0
Falling edge
1
1
Rising and falling edges
MZFR
Reset value: 0000 1111 (0Fh)
7
654
32
10
ZEF[3:0]
ZWF[3:0]
R/W
R/W
Table 163.
MZFR register description
Bit
Name
Function
7:4 ZEF[3:0]
Z event filter bits
These bits select the number of valid consecutive Z events (when the Z event is
detected) needed to generate the active event. Sampling is done at the selected
fSCF frequency (see Table 164) or at PWM frequency.
3:0 ZWF[3:0]
Z window filter bits
These bits select the length of the blanking window activated at each D event. The
filter blanks the Z event detection until the end of the time window (see Table 165).
Table 164.
Z event filter setting
ZEF3
ZEF2
ZEF1
ZEF0
Z event samples
0000
1
0001
2
0010
3
0011
4
0100
5
0101
6
0110
7
0111
8
1000
9
1001
10
1010
11
1011
12
1100
13
1101
14
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com