Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 369 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 369 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 363Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 364Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 365Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 366Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 367Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 368Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 369Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 370Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 371Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 369 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Revision history
369/371
16
Revision history
Table 233.
Document revision history
Date
Revision
Changes
12-Jul-2007
Rev 1
Initial release
Principal differences between initial release of ST7MCxxx-Auto
datasheet and ST7MCx, revision 11 dated 8 December 2006:
Changed document title on page 1
Changed root part numbers to ST7MC1K2-Auto, ST7MC1K6-Auto and
ST7MC2S4-Auto, ST7MC2S6-Auto throughout document
Removed all references to the SDIP32, LQFP80, and LQFP64
packages thoughout document
Updated all references to LQFP44 and LQFP32 packages
Updated memory and RAM throughout document to be specific to the
ST7MC1K2-Auto, ST7MC1K6-Auto and ST7MC2S4-Auto, ST7MC2S6-
Auto devices.
Updated temperatures ranges throughout document to include only
versions A and C
Removed all references relating to ‘standard and industrial’ from
document
Features on page 1: Changed number of I/0 ports from 60 to 34 and
updated information on I/O ports and analog peripherals
Table 1: Device summary on page 19: Updated
Added footnote to Table 2: Device pin description on page 23 indicating
that it is mandatory to connect all available VDD and VDDA pins to the
supply voltage and all VSS and VSSA pins to ground.
Output compare on page 111: Changed text of note 3 and removed
compare register i latch signal from Figure 49: Output compare timing
diagram, fTIMER =fCPU/4 on page 114
Section 13.2.4: Soldering information on page 355: Replaced
ECOPACKTM with ECOPACK®
Table 226 on page 356: Modified option byte 2
Table 229 on page 358: Modified table for automotive versions only
Added Section 15.3: TIMD set simultaneously with OC interrupt on
page 362 on the limitations of the 16-bit timer
Minor content differences between initial release of ST7MCxxx-Auto
datasheet and ST7MCx, revision 11 dated 8 December 2006:
Table 20: EICR register description on page 68: Updated ports to
include only those found on the LQFP32 and LQFP44 packages
SCI control register 1 (SCICR1) on page 171: Changed description of
bit 1 to reserved
Examples of LDIV coding on page 177: Modified example 3
Control register B (MCRB) on page 268 and Parity register (MPAR) on
page 285: Added footnote pertaining to pre-load bits
Table 209: General characteristics on page 329: Removed reference to
PD7
Table 220: 10-bit ADC characteristics on page 347: Amended
explanation of the parameter Ilkg
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com