Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 64Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 65Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 66Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 67Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 68Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 69Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 70Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 71Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Interrupts
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
68/371
7.7.2
External interrupt control register (EICR)
EICR
Reset value: 0000 0000 (00h)
7
654
32
10
IS1[1:0]
IPB
IS2[1:0]
IS3[1:0]
IPA
R/W
R/W
R/W
R/W
R/W
Table 20.
EICR register description
Bit
Name
Function
7:6 IS1[1:0]
Interrupt sensitivity (ei2 sensitivity)
The interrupt sensitivity, defined using the IS1[1:0] bits, is applied to the following
external interrupts:
External interrupt ei2 (port C[3:2]):
00: External interrupt sensitivity = falling edge and low level (IPB bit = 0)
and rising edge and high level (IPB bit = 1)
01: External interrupt sensitivity = rising edge only (IPB bit = 0)
and falling edge only (IPB bit = 1)
10: External interrupt sensitivity = falling edge only (IPB bit = 0)
and rising edge only (IPB bit = 1)
11: External interrupt sensitivity = rising and falling edge (IPB bit = 0 and IPB bit = 1)
External interrupt ei2 (port B[7:6]):
00: External interrupt sensitivity = falling edge and low level
01: External interrupt sensitivity = rising edge only
10: External interrupt sensitivity = falling edge only
11: External interrupt sensitivity = rising and falling edge
These 2 bits can be written only when I1 and I0 of the CC register are both set to 1
(level 3).
5IPB
Interrupt polarity (for port C)
This bit is used to invert the sensitivity of port C[3:2] external interrupts. It can be set
and cleared by software only when I1 and I0 of the CC register are both set to 1
(level 3).
0: No sensitivity inversion
1: Sensitivity inversion
4:3 IS2[1:0]
Interrupt sensitivity (ei1 sensitivity)
The interrupt sensitivity, defined using the IS2[1:0] bits, is applied to the following
external interrupts:
External interrupt ei1 (port A3 and A5):
00: External interrupt sensitivity = falling edge and low level
01: External interrupt sensitivity = rising edge only
10: External interrupt sensitivity = falling edge only
11: External interrupt sensitivity = rising and falling edge
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com