Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 19Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 20Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 21Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 22Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 23Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 24Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 25Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 26Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Pin description
23/371
Legend/abbreviations for Table 2:
Type
I = input
O = output
S = supply
Input level
CT = CMOS 0.3VDD/0.7VDD with Schmitt trigger
TT = refer to the G and H ports characteristics in Section 12.8.1 on page 329
Output level
HS = 20mA high sink (on N-buffer only)
Port and control configuration
Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog
Output: OD = open drain, PP = push-pull
Refer to Section 5: Central processing unit on page 37 for more details on the software configuration of
the I/O ports.
The reset configuration of each pin is shown in bold which is valid as long as the device is in the reset
state.
Table 2.
Device pin description(1)
Pin
number
Pin name
Level
Port
Main
function
(after
reset)
Alternate function(2)
Input
Output
1
1
MCO3 (HS)
O
HS
X
Motor control output 3
2
2
MCO4 (HS)
O
HS
X
Motor control output 4
3
3
MCO5 (HS)
O
HS
X
Motor control output 5
44
MCES(4)
ICT
X
MTC emergency stop
(5)
(5)
PG0
I/O
TT
X
XX
X
Port G0
PG1
I/O
TT
X
XX
X
Port G1
PG2
I/O
TT
X
XX
X
Port G2
PG3
I/O
TT
X
XX
X
Port G3
55
OSC1(6)
I
External clock input or resonator
oscillator inverter input
66
OSC2(6)
I/O
Resonator oscillator inverter output
7
(5)
VSS_1
(7)
S
Digital ground voltage
8
(5)
VDD_1
(7)
S
Digital main supply voltage
(5)
(5)
PA0/PWM3
I/O CT
X
X
X
X
Port A0
PWM output 3
PA1/PWM2
I/O CT HS X
X
X
X
Port A1
PWM output 2
PA2PWM1
I/O CT
X
X
X
X
Port A2
PWM output 1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com