Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 23Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 24Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 25Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 26Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 27Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 28Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 29Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 30Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Pin description
27/371
(5)
(5)
PH7
I/O
TT
X
XX
X
Port H7
37
PE0/OCMP2_B
I/O CT HS X
XX
X
Port E0
Timer B output
compare 2
38
PE1/OCMP1_B
I/O CT
X
XX
X
X
Port E1
Timer B output
compare 1
39
PE2/ICAP2_B
I/O CT
X
X
X
X
Port E2
Timer B input capture 2
40
PE3/ICAP1_B/
I/O CT
X
X
X
X
X
Port E3
Timer B input capture 1
(5)
PE4/EXTCLK_B
I/O CT
X
XX
X
Port E4
Timer B external clock
source
PE5
I/O CT
X
XX
X
X
Port E5
41
29
VPP/ICCSEL
I
Must be tied low. In the
programming mode when
available, this pin acts as the
programming voltage input VPP./
ICC mode pin. See Section 12.9.2
on page 334
42
30
MCO0 (HS)
O
HS
X
MTC output channel 0
43
31
MCO1 (HS)
O
HS
X
MTC output channel 1
44
32
MCO2 (HS)
O
HS
X
MTC output channel 2
1.
On the chip, each I/O port has eight pads. Pads that are not bonded to external pins are in input pull-up configuration after
reset. The configuration of these pads must be kept at reset state to avoid added current consumption. Refer to
Section 15.6 on page 366.
2.
If two alternate function outputs are enabled at the same time on a given pin (for instance, MCPWMV and MCDEM on PD1
on LQFP32), the two signals are ORed on the output pin.
3.
In the interrupt column, ‘eiX’ defines the associated external interrupt vector. If ‘wpu’ is merged with ‘int’, then I/O
configuration is pull-up interrupt input, otherwise the configuration is floating interrupt input.
4.
MCES is a floating input. To disable this function, a pull-up resistor must be used.
5.
Pin(s) not present on package configuration.
6.
OSC1 and OSC2 pins connect a crystal/ceramic resonator or an external source to the on-chip oscillator; see Section 1:
Description and Section 12.5: Clock and timing characteristics for more details.
7.
It is mandatory to connect all available VDD and VDDA pins to the supply voltage and all VSS and VSSA pins to ground.
8.
MCCFI can be mapped on two different pins on 80-, 64- and 56-pin packages. This allows:
- either using PC1 as a standard I/O and mapping MCCFI on OAZ (MCCFI1) with or without using the operational amplifier
(selected case after reset),
- or mapping MCCFI on PC1 (MCCFI0) and using the amplifier for another function. The mapping can be selected in the
MREF register of Motor Control cell (see Motor controller (MTC)) for more details.
9.
Once the MTC peripheral is ON (bits CKE = 1 or DAC = 1 in the register MCRA), the pin PC4 is configured to an alternate
function. PC4 is no longer usable as a digital I/O.
10. MCPWMV is mapped on PC6 on 80 and 64-pin packages and on PD1 on 44,and 32-pins packages. MCPWMW is mapped
on PC7 on 80, 64 and 44-pin packages and on PD0 on 32-pins package.
11. MCZEM is mapped on PF1 on 80, 64 and 56-pin packages and on PD2 on 44 and 32-pins.
MCDEM is mapped on PF0 on 80, 64 and 56-pin packages and on PD1 on 44 and 32-pin packages.
Table 2.
Device pin description(1) (continued)
Pin
number
Pin name
Level
Port
Main
function
(after
reset)
Alternate function(2)
Input
Output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com