Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 35Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 36Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 37Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 38Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 39Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 40Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 41Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 42Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Central processing unit
39/371
5.3.4
Condition code register (CC)
The 8-bit condition code register contains the interrupt masks and four flags representative
of the result of the instruction just executed. This register can also be handled by the push
and pop instructions.
These bits can be individually tested and/or controlled by specific instructions.
CC
Reset value: 111x 1xxx
7
654
32
10
1I1
H
I0
N
Z
C
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 5.
CC register description
Bit
Name
Function
5, 3
I1, I0
(interrupt)
Interrupt management bits
The combination of the I1 and I0 bits gives the current interrupt software
priority:
10: Interrupt software priority = level 0 (main)
01: Interrupt software priority = level 1
00: Interrupt software priority = level 2
11: Interrupt software priority = level 3 (interrupt disable)
These two bits are set/cleared by hardware when entering in interrupt. The
loaded value is given by the corresponding bits in the interrupt software
priority registers (IxSPR). They can be also set/cleared by software with the
RIM, SIM, IRET, HALT, WFI and push/pop instructions. See Section 7:
Interrupts on page 59 for more details.
4
H
(half carry)
Arithmetic management bit
This bit is set by hardware when a carry occurs between bits 3 and 4 of the
ALU during an ADD or ADC instructions. It is reset by hardware during the
same instructions.
0: No half carry has occurred
1: A half carry has occurred
This bit is tested using the JRH or JRNH instruction. The H bit is useful in
BCD arithmetic subroutines.
2
N
(negative)
Arithmetic management bit
This bit is set and cleared by hardware. It is representative of the result sign
of the last arithmetic, logical or data manipulation. It’s a copy of the result 7th
bit.
0: The result of the last operation is positive or null
1: The result of the last operation is negative (that is, the most significant bit
is a logic 1)
This bit is accessed by the JRMI and JRPL instructions.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com