Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 16Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 17Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 18Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 19Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 20Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 21Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 22Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 23Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Description
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
20/371
Figure 1.
Device block diagram
1.
On some devices only; see Table 2: Device pin description on page 23
ALU
OSC1
VPP
VDD
RESET
PD7:0
(8-bits)
RAM
VAREF
VSSA
PE5:0
(6-bits)
PA7:0 (1)
(8-bits)
PF5:0
(6-bits)
SPI (1)
PB7:0
(8-bits)
VSS
OSC
LVD
OSC2
SCI/LIN
AVD
(8-bits)
PC7:0
PG7:0 (1)
(8-bits)
PH7:0 (1)
(8-bits)
MCES
8-bit core
Control
Port D
Timer A
10-bit ADC
Port E (1)
Timer B (1)
Port F (1)
MCC/RTC/Beep (1)
Program
memory
(8K - 32K bytes)
384 - 1024 bytes
Port H (1)
Port G (1)
Watchdog
PWM ART
Port A
Port B
MTC volt input
Port C
Motor control
Debug module
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com