Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 21Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 22Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 23Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 24Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 25Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 26Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 27Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 28Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Pin description
25/371
21
15
OAZ/MCCFI1(8)/AIN6
I/O
X
Op-amp
Output
MTC
current
feedback
input 1(8)
ADC
analog
input 6
22
16
PC4/MCCREF
I/O CT
X
XX
X
X
Port C4
MTC current feedback
reference(9)
(5)
(5)
PC5/MCPWMU
I/O CT
X
X
X
X
Port C5
MTC PWM output U
PC6/MCPWMV(10)
I/O CT
X
X
X
X
Port C6
MTC PWM output V(10)
23
(5)
PC7/MCPWMW(10)/AI
N7
I/O CT
X
XX
X
X
Port C7
MTC PWM
output
W(10)
ADC
analog
input 7
24
17
VAREF
I
Analog reference voltage for ADC
25
(5)
VSSA
(7)
S
Analog ground voltage
26
18
VSS_0
(7)
S
Digital ground voltage
27
19
VDD_0
(7)
S
Digital main supply voltage
28
20
RESET
I/O CT
Top priority non maskable interrupt
(5)
(5)
PF0/MCDEM(11)/AIN8
I/O CT
X
XX
X
X
Port F0
MTC
demagneti
zation
output(11)
ADC
analog
input 8
PF1/MCZEM(11)/AIN9
I/O CT
X
XX
X
X
Port F1
MTC
BEMF
output(11)
ADC
analog
input 9
PF2/MCO/AIN10
I/O CT
X
XX
X
X
Port F2
Main clock
out
(fOSC/2)
ADC
analog
input 10
PF3/Beep
I/O CT HS X
X
X
X
Port F3
Beep signal output
PF4
I/O CT HS X
XX
X
Port F4
PF5
I/O CT HS X
XX
X
Port F5
PH0
I/O
TT
X
XX
X
Port H0
(5)
(5)
PH1
I/O
TT
X
XX
X
Port H1
PH2
I/O
TT
X
XX
X
Port H2
PH3
I/O
TT
X
XX
X
Port H3
Table 2.
Device pin description(1) (continued)
Pin
number
Pin name
Level
Port
Main
function
(after
reset)
Alternate function(2)
Input
Output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com