Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 136Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 137Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 138Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 139Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 140Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 141Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 142Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 143Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
140/371
10.5.2
SCI features
●
Full duplex, asynchronous communications
●
NRZ standard format (mark/space)
●
Independently programmable transmit and receive baud rates up to 500K baud
●
Programmable data word length (8 or 9 bits)
●
Receive buffer full, transmit buffer empty and end of transmission flags
●
2 receiver wake-up modes:
–
address bit (MSB)
–
idle line
●
Muting function for multiprocessor configurations
●
Separate enable bits for transmitter and receiver
●
Overrun, noise and frame error detection
●
6 interrupt sources
–
transmit data register empty
–
transmission complete
–
receive data register full
–
idle line received
–
overrun error
–
parity interrupt
●
Parity control:
–
transmits parity bit
–
checks parity of received data byte
●
Reduced power consumption mode
10.5.3
LIN features
●
LIN master
–
13-bit LIN synch break generation
●
LIN slave
–
automatic header handling
–
automatic baud rate resynchronization based on recognition and measurement of
the LIN synch field (for LIN slave nodes)
–
automatic baud rate adjustment (at CPU frequency precision)
–
11-bit LIN synch break detection capability
–
LIN parity check on the LIN identifier field (only in reception)
–
LIN error management
–
LIN header timeout
–
Hot plugging support
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com