Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 149Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 150Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 151Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 152Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 153Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 154Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 155Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 156Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
153/371
SCI control register 1 (SCICR1)
3OR
Overrun error
The OR bit is set by hardware when the word currently being received in the shift
register is ready to be transferred into the RDR register whereas RDRF is still set. An
interrupt is generated if RIE = 1 in the SCICR2 register. It is cleared by a software
sequence (an access to the SCISR register followed by a read to the SCIDR register).
0: No Overrun error
1: Overrun error detected
Note: When this bit is set, RDR register contents are not lost but the shift register is
overwritten.
2NF
Character noise flag
This bit is set by hardware when noise is detected on a received character. It is
cleared by a software sequence (an access to the SCISR register followed by a read
to the SCIDR register).
0: No noise
1: Noise is detected
Note: This bit does not generate interrupt as it appears at the same time as the RDRF
bit which itself generates an interrupt.
1FE
Framing error
This bit is set by hardware when a desynchronization, excessive noise or a break
character is detected. It is cleared by a software sequence (an access to the SCISR
register followed by a read to the SCIDR register).
0: No framing error
1: Framing error or break character detected
Note: This bit does not generate an interrupt as it appears at the same time as the
RDRF bit which itself generates an interrupt. If the word currently being transferred
causes both a frame error and an overrun error, it is transferred and only the OR bit is
set.
0PE
Parity error
This bit is set by hardware when a byte parity error occurs (if the PCE bit is set) in
receiver mode. It is cleared by a software sequence (a read to the status register
followed by an access to the SCIDR data register). An interrupt is generated if PIE = 1
in the SCICR1 register.
0: No parity error
1: Parity error detected
SCICR1
Reset value: x000 0000 (x0h)
7
654
32
10
R8
T8
SCID
M
WAKE
PCE(1)
1.
This bit has a different function in LIN mode; please refer to Section 10.5.10: LIN mode registers
PS
PIE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 62.
SCISR register description (continued)
Bit Name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com