Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 178Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 179Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 180Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 181Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 182Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 183Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 184Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 185Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
182/371
Table 81.
MTC registers
Register
Description
Register page (RPGS bit)
Page
MTIM
Timer counter register
0
260
MTIML
Timer counter register LSB (mode dependent)
0
260
MZPRV
Capture Zn-1 register
0
260
MZREG
Capture Zn register
0
261
MCOMP
Compare Cn+1 register
0
261
MDREG
Demagnetization register
0
261
MWGHT
An weight register
0
262
MPRSR
Prescaler and sampling register
0
262
MIMR
Interrupt mask register
0
263
MISR
Interrupt status register
0
264
MCRA
Control register A
0
265
MCRB
Control register B
0
268
MCRC
Control register C
0
270
MPHST
Phase state register
0
271
MCFR
Motor current feedback register
0
272
MDFR
Motor D event filter register
0
273
MREF
Reference register
0
275
MPCR
PWM control register
0
276
MREP
Repetition counter register
0
277
MCPWH
Compare phase W preload register high
0
277
MCPWL
Compare phase W preload register low
0
277
MCPVH
Compare phase V preload register high
0
278
MCPVL
Compare phase V preload register low
0
278
MCPUH
Compare phase U preload register high
0
278
MCPUL
Compare phase U preload register low
0
279
MCP0H
Compare 0 preload register high
0
279
MCP0L
Compare 0 preload register low
0
279
MDTG
Deadtime generator register
1
280
MPOL
Polarity register
1
282
MPWME
PWM register
1
283
MCONF
Configuration register
1
284
MPAR
Parity register
1
285
MZFR
Motor Z event filter register
1
286
MSCR
Motor sampling clock register
1
288
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com