Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 215 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 215 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 211Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 212Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 213Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 214Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 215Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 216Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 217Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 218Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
215/371
prescaler contents can be incremented/decremented at the next commutation event by setting the RMI
(decrement) or RPI (increment) bits in the MISR register. When this method is used, at the next
commutation event the prescaler value is updated but also all the MTIM timer-related registers are shifted
in the appropriate direction to keep their value. After it has been taken into account, (at commutation) the
RPI or RMI bit is reset by hardware. See Table 96.
Only one update per step is allowed, so if both RPI and RMI bits are set simultaneously by software,
there is no effect on the MISR register: the write access to these two bits together is not taken into
account and the previous state is upheld. This means that if either RPI or RMI bits were set before the
write access of both bits at the same time, this bit (RPI or RMI) is kept at 1. If neither bit was set before
the simultaneous write access, neither of them are set after the write access.
In switched mode, BEMF and demagnetization detection are already possible in order to pass in
autoswitched mode as soon as possible but Z and D events do not affect the timer contents.
In this mode, if an MTIM overflow occurs, it restarts counting from 0x00h and the OI overflow flag in the
MCRC register is set if the TES[1:0] bits = 00.
Caution:
In this mode, MCOMP must never be written to 0.
Table 96.
Step update
Mode
TES[1:0]
CKE
bit
SWA
bit
Clock
state
Read
Ratio increment
(slow down)
Ratio decrement
(speed up)
xxx
0
x
Disabled
Write the ST[3:0] value directly in the MPRSR register
Switched
00
1
0
Enabled
Set RPI bit in the MISR
register until next
commutation
Set RMI bit in the MISR
register until next
commutation
Autoswitched
00
1
1
Enabled
Automatically updated according to MZREG value
Speed measure 01 10 11
1
x
Enabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com