Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 226 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 226 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 222Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 223Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 224Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 225Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 226Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 227Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 228Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 229Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
226/371
Table 98.
Step frequency/period range (4 MHz)
Step ratio bits ST[3:0] in MPRSR register
Step frequency
Step period
Maximum
Minimum
Minimum
Maximum
0000
23.5 kHz
7.85 kHz
42.5 µs
127.5 µs
0001
11.7 kHz
3.93 kHz
85 µs
255 µs
0010
5.88 kHz
1.96 kHz
170 µs
510 µs
0011
2.94 kHz
980 Hz
340 µs
1.02 ms
0100
1.47 kHz
490 Hz
680 µs
2.04 ms
0101
735 Hz
245Hz
1.36ms
4.08ms
0110
367 Hz
123Hz
2.72ms
8.16ms
0111
183 Hz
61.3 Hz
5.44 ms
16.32 ms
1000
91.9 Hz
30.7 Hz
10.9 ms
32.6 ms
1001
45.9 Hz
15.4 Hz
21.8 ms
65.2 ms
1010
22.9 Hz
7.66 Hz
43.6 ms
130 ms
1011
11.4 Hz
3.83 Hz
87 ms
261 ms
1100
5.74Hz
1.92Hz
174 ms
522ms
1101
2.87 Hz
0.958 Hz
349 ms
1.04 s
1110
1.43 Hz
0.479 Hz
697 ms
2.08 s
1111
0.718 Hz
0.240 Hz
1.40 s
4.17 s
Table 99.
modes of accessing mtim timer-related registers
State of MCRA/MCRB/MPAR register bits
Access to MTIM timer related registers
RST
bit
TES
[1:0]
SWA
bit
CKE
bit
Mode
Read only
access
Read/write access
0xx
x
0
Configuration
mode
MTIM, MTIML, MZPRV, MZREG, MCOMP, MDREG,
ST[3:0]
0
00
0
1
Switched mode MTIM, ST[3:0]
MCOMP, MDREG, MZREG, MZPRV RMI bit of
MISR:
0: no action
1: decrement ST[3:0]
RPI bit of MISR:
0: no action
1: increment ST[3:0]
000
1
1
Autoswitched
mode
MTIM, ST[3:0]
MDREG, MCOMP, MZREG, MZPRV, RMI, RPI bit of
MISR:
Set by hardware, (increment ST[3:0]), cleared by
software
0
01
10
11
x1
Speed sensor
mode
MTIM, MTIML,
ST[3:0]
MDREG, MZREG, MZPRV, RMI, RPI bit of MISR:
Set by hardware, (increment or decrement
ST[3:0]), cleared by software.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com