Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 340 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 340 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 336Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 337Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 338Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 339Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 340Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 341Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 342Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 343Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 344Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
340/371
12.12.2
Input stage (comparator + sampling)
Table 217.
Input stage (comparator + sampling)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Comparator input
voltage range
VSSA -0.1
VDD +0.1
V
Voffset
Comparator offset error
5
40(1)
mV
Ioffset
Input offset current
1µA
tpropag
Comparator
propagation delay
35
100
ns
tstartup
Start-up filter duration(2)
Time waited before sampling when
comparator is turned ON, that is,
CKE = 1 or DAC = 1
(with fPERIPH = 4 MHz)
3µs
tsampling Digital sampling delay
(3)
Time needed to generate a capture in
tachogenerator mode as soon as the
MCI input toggles
4/fmtc
Time needed to capture MTIM in
MZREG (BEMF) when sampling
during PWM signal OFF time as soon
as MCO becomes ON
3 /fmtc (see Figure 151)
Time needed to set/reset the HST bit
when sampling during PWM signal
OFF time as soon as MCO becomes
ON (BEMF)
1/fmtc (see Figure 151)
Time needed to generate Z event
(MTIM captured in MZREG) as soon
as the comparator toggles (when
sampling at fSCF)
1/fSCF + 3/fmtc (see Figure 152)
Time needed to generate D event
(MTIM captured in MDREG) as soon
as the comparator toggles
1/fSCF + 3/fmtc (see Figure 152)
Time needed to set/reset the HST bit
when sampling during PWM signal
ON time after a delay (DS > 0) as
soon as MCO becomes ON
Delay programmed in DS bits
(MCONF) + 1/fmtc
(see Figure 153)
Time needed to generate Z event
(MTIM in MZREG) when sampling
during PWM signal ON time after a
delay (DS > 0) as soon as MCO
becomes ON
Delay programmed in DS bits
(MCONF) + 3/fmtc
(see Figure 153)
Time needed to generate Z event
(MTIM captured in MZREG) when
sampling during PWM signal ON time
at fSCF after a delay (DS > 0)
Delay programmed in DS bits
MCONF) + 1/fSCF + 3/fmtc
(see Figure 153)
1.
The comparator accuracy is dependent of the environment. The offset value is given for a comparison done with all digital
I/Os stable. Negative injection current on the I/Os close to the inputs may reduce the accuracy. In particular care must be
taken to avoid switching on I/Os close to the inputs when the comparator is in use. This phenomenon is even more critical
when a big external serial resistor is added on the inputs.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com