Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072CB Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32F072CB
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072CB Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32F072CB Datasheet HTML 50Page - STMicroelectronics STM32F072CB Datasheet HTML 51Page - STMicroelectronics STM32F072CB Datasheet HTML 52Page - STMicroelectronics STM32F072CB Datasheet HTML 53Page - STMicroelectronics STM32F072CB Datasheet HTML 54Page - STMicroelectronics STM32F072CB Datasheet HTML 55Page - STMicroelectronics STM32F072CB Datasheet HTML 56Page - STMicroelectronics STM32F072CB Datasheet HTML 57Page - STMicroelectronics STM32F072CB Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 128 page
background image
Electrical characteristics
STM32F072x8 STM32F072xB
54/128
DocID025004 Rev 5
6.3.2
Operating conditions at power-up / power-down
The parameters given in Table 25 are derived from tests performed under the ambient
temperature condition summarized in Table 24.
6.3.3
Embedded reset and power control block characteristics
The parameters given in Table 26 are derived from tests performed under the ambient
temperature and supply voltage conditions summarized in Table 24: General operating
conditions
.
Table 25. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
20
∞
tVDDA
VDDA rise time rate
-
0
∞
VDDA fall time rate
20
∞
Table 26. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPOR/PDR(1)
1. The PDR detector monitors VDD and also VDDA (if kept enabled in the option bytes). The POR detector
monitors only VDD.
Power on/power down
reset threshold
Falling edge(2)
2. The product behavior is guaranteed by design down to the minimum VPOR/PDR value.
1.80
1.88
1.96(3)
3. Data based on characterization results, not tested in production.
V
Rising edge
1.84(3)
1.92
2.00
V
VPDRhyst
PDR hysteresis
-
-
40
-
mV
tRSTTEMPO(4)
4. Guaranteed by design, not tested in production.
Reset temporization
-
1.50
2.50
4.50
ms
Table 27. Programmable voltage detector characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD0
PVD threshold 0
Rising edge
2.1
2.18
2.26
V
Falling edge
2
2.08
2.16
V
VPVD1
PVD threshold 1
Rising edge
2.19
2.28
2.37
V
Falling edge
2.09
2.18
2.27
V
VPVD2
PVD threshold 2
Rising edge
2.28
2.38
2.48
V
Falling edge
2.18
2.28
2.38
V
VPVD3
PVD threshold 3
Rising edge
2.38
2.48
2.58
V
Falling edge
2.28
2.38
2.48
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com