Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072CB Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32F072CB
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072CB Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F072CB Datasheet HTML 57Page - STMicroelectronics STM32F072CB Datasheet HTML 58Page - STMicroelectronics STM32F072CB Datasheet HTML 59Page - STMicroelectronics STM32F072CB Datasheet HTML 60Page - STMicroelectronics STM32F072CB Datasheet HTML 61Page - STMicroelectronics STM32F072CB Datasheet HTML 62Page - STMicroelectronics STM32F072CB Datasheet HTML 63Page - STMicroelectronics STM32F072CB Datasheet HTML 64Page - STMicroelectronics STM32F072CB Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 128 page
background image
DocID025004 Rev 5
61/128
STM32F072x8 STM32F072xB
Electrical characteristics
99
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up generate current consumption when the pin is
externally held low. The value of this current consumption can be simply computed by using
the pull-up/pull-down resistors values given in Table 53: I/O static characteristics.
For the output pins, any external pull-down or external load must also be considered to
estimate the current consumption.
Additional I/O current consumption is due to I/Os configured as inputs if an intermediate
voltage level is externally applied. This current consumption is caused by the input Schmitt
Table 33. Typical current consumption, code executing from Flash memory,
running from HSE 8 MHz crystal
Symbol
Parameter
fHCLK
Typical consumption in
Run mode
Typical consumption in
Sleep mode
Unit
Peripherals
enabled
Peripherals
disabled
Peripherals
enabled
Peripherals
disabled
IDD
Current
consumption
from VDD
supply
48 MHz
24.1
13.5
14.6
3.5
mA
36 MHz
18.3
10.5
11.1
2.9
32 MHz
16.5
9.6
10.0
2.7
24 MHz
12.9
7.6
7.8
2.2
16 MHz
8.9
5.3
5.5
1.7
8 MHz
4.8
3.1
3.1
1.2
4 MHz
3.1
2.1
2.2
1.1
2 MHz
2.1
1.6
1.6
1.0
1 MHz
1.6
1.3
1.4
1.0
500 kHz
1.3
1.2
1.2
1.0
IDDA
Current
consumption
from VDDA
supply
48 MHz
163.3
μA
36 MHz
124.3
32 MHz
111.9
24 MHz
87.1
16 MHz
62.5
8 MHz
2.5
4 MHz
2.5
2 MHz
2.5
1 MHz
2.5
500 kHz
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com