Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072CB Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F072CB
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072CB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F072CB Datasheet HTML 36Page - STMicroelectronics STM32F072CB Datasheet HTML 37Page - STMicroelectronics STM32F072CB Datasheet HTML 38Page - STMicroelectronics STM32F072CB Datasheet HTML 39Page - STMicroelectronics STM32F072CB Datasheet HTML 40Page - STMicroelectronics STM32F072CB Datasheet HTML 41Page - STMicroelectronics STM32F072CB Datasheet HTML 42Page - STMicroelectronics STM32F072CB Datasheet HTML 43Page - STMicroelectronics STM32F072CB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
Pinouts and pin descriptions
STM32F072x8 STM32F072xB
40/128
DocID025004 Rev 5
B4
93
C3
59
43
D4
PB7
I/O
FTf
-
I2C1_SDA,
USART1_RX,
USART4_CTS,
TIM17_CH1N,
TSC_G5_IO4
-
A4
94
B4
60
44
A5
BOOT0
I
B
-
Boot memory selection
A3
95
B3
61
45
B5
PB8
I/O
FTf
-
I2C1_SCL, CEC,
TIM16_CH1,
TSC_SYNC,
CAN_RX
-
B3
96
A3
62
46
C5
PB9
I/O
FTf
-
SPI2_NSS, I2S2_WS,
I2C1_SDA, IR_OUT,
TIM17_CH1,
EVENTOUT,
CAN_TX
-
C3
97
-
-
-
-
PE0
I/O
FT
-
EVENTOUT, TIM16_CH1
-
A2
98
-
-
-
-
PE1
I/O
FT
-
EVENTOUT, TIM17_CH1
-
D3
99
D4
63
47
A6
VSS
S
-
-
Ground
C4
100 E4
64
48
A7
VDD
S
-
-
Digital power supply
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. After the first RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to
the RTC domain and RTC register descriptions in the reference manual.
3. PC6, PC7, PC8, PC9, PA8, PA9, PA10, PA11, PA12, PA13, PF6, PA14, PA15, PC10, PC11, PC12, PD0, PD1 and PD2 I/Os
are supplied by VDDIO2.
4. After reset, these pins are configured as SWDIO and SWCLK alternate functions, and the internal pull-up on the SWDIO
pin and the internal pull-down on the SWCLK pin are activated.
Table 13. STM32F072x8/xB pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin
type
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com