Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072CB Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F072CB
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072CB Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F072CB Datasheet HTML 55Page - STMicroelectronics STM32F072CB Datasheet HTML 56Page - STMicroelectronics STM32F072CB Datasheet HTML 57Page - STMicroelectronics STM32F072CB Datasheet HTML 58Page - STMicroelectronics STM32F072CB Datasheet HTML 59Page - STMicroelectronics STM32F072CB Datasheet HTML 60Page - STMicroelectronics STM32F072CB Datasheet HTML 61Page - STMicroelectronics STM32F072CB Datasheet HTML 62Page - STMicroelectronics STM32F072CB Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
DocID025004 Rev 5
59/128
STM32F072x8 STM32F072xB
Electrical characteristics
99
Table 31. Typical and maximum consumption in Stop and Standby modes
Sym-
bol
Para-
meter
Conditions
Typ @VDD (VDD = VDDA)Max
(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
Stop
mode
Regulator in run
mode, all
oscillators OFF
15.4
15.5
15.6
15.7
15.8
15.9
23(2)
49
68(2)
µA
Regulator in low-
power mode, all
oscillators OFF
3.2
3.3
3.4
3.5
3.6
3.7
8(2)
33
51(2)
Supply
current in
Standby
mode
LSI ON and IWDG
ON
0.8
1.0
1.1
1.2
1.3
1.4
-
-
-
LSI OFF and IWDG
OFF
0.6
0.7
0.9
0.9
1.0
1.1
2.1(2)
2.6
3.1(2)
IDDA
Supply
current in
Stop
mode
Regulator in
run mode, all
oscillators
OFF
2.1
2.2
2.3
2.5
2.6
2.8
3.5(2)
3.6
4.6(2)
Regulator in
low-power
mode, all
oscillators
OFF
2.1
2.2
2.3
2.5
2.6
2.8
3.5(2)
3.6
4.6(2)
Supply
current in
Standby
mode
LSI ON and
IWDG ON
2.5
2.7
2.8
3.0
3.2
3.5
-
-
-
LSI OFF and
IWDG OFF
1.9
2.1
2.2
2.3
2.5
2.6
3.5(2)
3.6
4.6(2)
Supply
current in
Stop
mode
Regulator in
run mode, all
oscillators
OFF
1.3
1.3
1.4
1.4
1.5
1.5
-
-
-
Regulator in
low-power
mode, all
oscillators
OFF
1.3
1.3
1.4
1.4
1.5
1.5
-
-
-
Supply
current in
Standby
mode
LSI ON and
IWDG ON
1.7
1.8
1.9
2.0
2.1
2.2
-
-
-
LSI OFF and
IWDG OFF
1.2
1.2
1.2
1.3
1.3
1.4
-
-
-
1. Data based on characterization results, not tested in production unless otherwise specified.
2. Data based on characterization results and tested in production (using one common test limit for sum of IDD and IDDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com