Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072CB Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32F072CB
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072CB Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32F072CB Datasheet HTML 78Page - STMicroelectronics STM32F072CB Datasheet HTML 79Page - STMicroelectronics STM32F072CB Datasheet HTML 80Page - STMicroelectronics STM32F072CB Datasheet HTML 81Page - STMicroelectronics STM32F072CB Datasheet HTML 82Page - STMicroelectronics STM32F072CB Datasheet HTML 83Page - STMicroelectronics STM32F072CB Datasheet HTML 84Page - STMicroelectronics STM32F072CB Datasheet HTML 85Page - STMicroelectronics STM32F072CB Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
Electrical characteristics
STM32F072x8 STM32F072xB
82/128
DocID025004 Rev 5
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 24 and
Table 55
, respectively. Unless otherwise specified, the parameters given are derived from
tests performed under the ambient temperature and supply voltage conditions summarized
in Table 24: General operating conditions.
Table 55. I/O AC characteristics(1)(2)
OSPEEDRy
[1:0] value(1)
Symbol
Parameter
Conditions
Min
Max
Unit
x0
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDDIOx ≥ 2 V
-2
MHz
tf(IO)out
Output fall time
-
125
ns
tr(IO)out
Output rise time
-
125
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDDIOx < 2 V
-1
MHz
tf(IO)out
Output fall time
-
125
ns
tr(IO)out
Output rise time
-
125
01
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDDIOx ≥ 2 V
-10
MHz
tf(IO)out
Output fall time
-
25
ns
tr(IO)out
Output rise time
-
25
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDDIOx < 2 V
-4
MHz
tf(IO)out
Output fall time
-
62.5
ns
tr(IO)out
Output rise time
-
62.5
11
fmax(IO)out Maximum frequency(3)
CL = 30 pF, VDDIOx ≥ 2.7 V
-
50
MHz
CL = 50 pF, VDDIOx ≥ 2.7 V
-
30
CL = 50 pF, 2 V ≤ VDDIOx < 2.7 V
-
20
CL = 50 pF, VDDIOx < 2 V
-
10
tf(IO)out
Output fall time
CL = 30 pF, VDDIOx ≥ 2.7 V
-
5
ns
CL = 50 pF, VDDIOx ≥ 2.7 V
-
8
CL = 50 pF, 2 V ≤ VDDIOx < 2.7 V
-
12
CL = 50 pF, VDDIOx < 2 V
-
25
tr(IO)out
Output rise time
CL = 30 pF, VDDIOx ≥ 2.7 V
-
5
CL = 50 pF, VDDIOx ≥ 2.7 V
-
8
CL = 50 pF, 2 V ≤ VDDIOx < 2.7 V
-
12
CL = 50 pF, VDDIOx < 2 V
-
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com