Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072CB Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32F072CB
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072CB Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32F072CB Datasheet HTML 29Page - STMicroelectronics STM32F072CB Datasheet HTML 30Page - STMicroelectronics STM32F072CB Datasheet HTML 31Page - STMicroelectronics STM32F072CB Datasheet HTML 32Page - STMicroelectronics STM32F072CB Datasheet HTML 33Page - STMicroelectronics STM32F072CB Datasheet HTML 34Page - STMicroelectronics STM32F072CB Datasheet HTML 35Page - STMicroelectronics STM32F072CB Datasheet HTML 36Page - STMicroelectronics STM32F072CB Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
DocID025004 Rev 5
33/128
STM32F072x8 STM32F072xB
Pinouts and pin descriptions
40
Table 12. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and
after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input-only pin
I/O
Input / output pin
I/O structure
FT
5 V-tolerant I/O
FTf
5 V-tolerant I/O, FM+ capable
TTa
3.3 V-tolerant I/O directly connected to ADC
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after
reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 13. STM32F072x8/xB pin definitions
Pin numbers
Pin name
(function upon
reset)
Pin
type
Pin functions
Alternate functions
Additional
functions
B2
1
-
-
-
-
PE2
I/O
FT
-
TSC_G7_IO1,
TIM3_ETR
-
A1
2
-
-
-
-
PE3
I/O
FT
-
TSC_G7_IO2,
TIM3_CH1
-
B1
3
-
-
-
-
PE4
I/O
FT
-
TSC_G7_IO3,
TIM3_CH2
-
C2
4
-
-
-
-
PE5
I/O
FT
-
TSC_G7_IO4,
TIM3_CH3
-
D2
5
-
-
-
-
PE6
I/O
FT
-
TIM3_CH4
WKUP3,
RTC_TAMP3
E2
6
B21
1B7
VBAT
S
-
-
Backup power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com