Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100XC Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32F100XC
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100XC Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F100XC Datasheet HTML 81Page - STMicroelectronics STM32F100XC Datasheet HTML 82Page - STMicroelectronics STM32F100XC Datasheet HTML 83Page - STMicroelectronics STM32F100XC Datasheet HTML 84Page - STMicroelectronics STM32F100XC Datasheet HTML 85Page - STMicroelectronics STM32F100XC Datasheet HTML 86Page - STMicroelectronics STM32F100XC Datasheet HTML 87Page - STMicroelectronics STM32F100XC Datasheet HTML 88Page - STMicroelectronics STM32F100XC Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 106 page
background image
DocID15081 Rev 10
85/106
STM32F100xC, STM32F100xD, STM32F100xE
Electrical characteristics
105
Note:
ADC accuracy vs. negative injection current: Injecting a negative current on any analog
input pins should be avoided as this significantly reduces the accuracy of the conversion
being performed on another analog input. It is recommended to add a Schottky diode (pin to
ground) to analog pins which may potentially inject negative currents.
Table 52. RAIN max for fADC = 12 MHz(1)
1. Guaranteed by design, not tested in production.
Ts (cycles)
tS (µs)
RAIN max (kΩ)
1.5
0.125
0.4
7.5
0.625
5.9
13.5
1.125
11.4
28.5
2.375
25.2
41.5
3.45
37.2
55.5
4.625
50
71.5
5.96
NA
239.5
20
NA
Table 53. ADC accuracy - limited test conditions(1)(2)
1. ADC DC accuracy values are measured after internal calibration.
2. Preliminary values.
Symbol
Parameter
Test conditions
Typ
Max
Unit
ET
Total unadjusted error
fPCLK2 = 24 MHz,
fADC = 12 MHz, RAIN < 10 kΩ,
VDDA = 3 V to 3.6 V
VREF+ = VDDA
TA = 25 °C
Measurements made after
ADC calibration
±1.5
±2.5
LSB
EO
Offset error
±1
±2
EG
Gain error
±0.5
±1.5
ED
Differential linearity error
±1.5
±2
EL
Integral linearity error
±1.5
±2
Table 54. ADC accuracy(1) (2) (3)
1. ADC DC accuracy values are measured after internal calibration.
2. Better performance could be achieved in restricted VDD, frequency, VREF and temperature ranges.
3. Preliminary values.
Symbol
Parameter
Test conditions
Typ
Max
Unit
ET
Total unadjusted error
fPCLK2 = 24 MHz,
fADC = 12 MHz, RAIN < 10 kΩ,
VDDA = 2.4 V to 3.6 V
TA = Full operating range
Measurements made after
ADC calibration
±2
±5
LSB
EO
Offset error
±1.5
±2.5
EG
Gain error
±1.5
±3
ED
Differential linearity error
±1.5
±2.5
EL
Integral linearity error
±1.5
±4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com