Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100XC Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F100XC
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100XC Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F100XC Datasheet HTML 35Page - STMicroelectronics STM32F100XC Datasheet HTML 36Page - STMicroelectronics STM32F100XC Datasheet HTML 37Page - STMicroelectronics STM32F100XC Datasheet HTML 38Page - STMicroelectronics STM32F100XC Datasheet HTML 39Page - STMicroelectronics STM32F100XC Datasheet HTML 40Page - STMicroelectronics STM32F100XC Datasheet HTML 41Page - STMicroelectronics STM32F100XC Datasheet HTML 42Page - STMicroelectronics STM32F100XC Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
DocID15081 Rev 10
39/106
STM32F100xC, STM32F100xD, STM32F100xE
Electrical characteristics
105
Note:
It is recommended to power VDD and VDDA from the same source. A maximum difference of
300 mV between VDD and VDDA can be tolerated during power-up and operation
5.3.2
Operating conditions at power-up / power-down
Subject to general operating conditions for TA.
PD
Power dissipation at TA =
85 °C for suffix 6 or TA =
105 °C for suffix 7(2)
LQFP144
-
666
mW
LQFP100
-
434
LQFP64
-
444
TA
Ambient temperature for 6
suffix version
Maximum power dissipation
–40
85
°C
Low power dissipation(3)
–40
105
Ambient temperature for 7
suffix version
Maximum power dissipation
–40
105
°C
Low power dissipation(3)
–40
125
TJ
Junction temperature range
6 suffix version
–40
105
°C
7 suffix version
–40
125
1. When the ADC is used, refer to Table 51: ADC characteristics.
2. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 6.5:
Thermal characteristics on page 100).
3. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see
Section 6.5: Thermal characteristics on page 100).
Table 9. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
Table 10. Operating conditions at power-up / power-down
Symbol
Parameter
Min
Max
Unit
tVDD
VDD rise time rate
0
µs/V
VDD fall time rate
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com