Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100XC Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM32F100XC
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100XC Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32F100XC Datasheet HTML 83Page - STMicroelectronics STM32F100XC Datasheet HTML 84Page - STMicroelectronics STM32F100XC Datasheet HTML 85Page - STMicroelectronics STM32F100XC Datasheet HTML 86Page - STMicroelectronics STM32F100XC Datasheet HTML 87Page - STMicroelectronics STM32F100XC Datasheet HTML 88Page - STMicroelectronics STM32F100XC Datasheet HTML 89Page - STMicroelectronics STM32F100XC Datasheet HTML 90Page - STMicroelectronics STM32F100XC Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 106 page
background image
DocID15081 Rev 10
87/106
STM32F100xC, STM32F100xD, STM32F100xE
Electrical characteristics
105
Figure 35. Power supply and reference decoupling (VREF+ not connected to VDDA)
1. VREF+ is available on 100-pin packages and on TFBGA64 packages. VREF- is available on 100-pin
packages only.
Figure 36. Power supply and reference decoupling (VREF+ connected to VDDA)
1. VREF+ and VREF- inputs are available only on 100-pin packages.
V REF+
STM32F10xxx
V DDA
V SSA/V REF-
1 µF // 10 nF
1 µF // 10 nF
ai14380b
VREF+/VDDA
STM32F10xxx
1 µF // 10 nF
VREF–/VSSA
ai14381b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com