Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100XC Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F100XC
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100XC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F100XC Datasheet HTML 10Page - STMicroelectronics STM32F100XC Datasheet HTML 11Page - STMicroelectronics STM32F100XC Datasheet HTML 12Page - STMicroelectronics STM32F100XC Datasheet HTML 13Page - STMicroelectronics STM32F100XC Datasheet HTML 14Page - STMicroelectronics STM32F100XC Datasheet HTML 15Page - STMicroelectronics STM32F100XC Datasheet HTML 16Page - STMicroelectronics STM32F100XC Datasheet HTML 17Page - STMicroelectronics STM32F100XC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 106 page
background image
Description
STM32F100xC, STM32F100xD, STM32F100xE
14/106
DocID15081 Rev 10
2.2
Overview
2.2.1
ARM® Cortex®-M3 core with embedded Flash and SRAM
The ARM Cortex®-M3 processor is the latest generation of ARM processors for embedded
systems. It has been developed to provide a low-cost platform that meets the needs of MCU
implementation, with a reduced pin count and low-power consumption, while delivering
outstanding computational performance and an advanced system response to interrupts.
The ARM Cortex®-M3 32-bit RISC processor features exceptional code-efficiency,
delivering the high-performance expected from an ARM core in the memory size usually
associated with 8- and 16-bit devices.
The STM32F100xx value line family having an embedded ARM core, is therefore
compatible with all ARM tools and software.
2.2.2
Embedded Flash memory
Up to 512 Kbytes of embedded Flash memory is available for storing programs and data.
2.2.3
CRC (cyclic redundancy check) calculation unit
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code from a 32-bit
data word and a fixed generator polynomial.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps compute a signature of
the software during runtime, to be compared with a reference signature generated at link-
time and stored at a given memory location.
2.2.4
Embedded SRAM
Up to 32 Kbytes of embedded SRAM accessed (read/write) at CPU clock speed with 0 wait
states.
2.2.5
FSMC (flexible static memory controller)
The FSMC is embedded in the high-density value line family. It has four Chip Select outputs
supporting the following modes: SRAM, PSRAM, and NOR.
Functionality overview:
•
The three FSMC interrupt lines are ORed in order to be connected to the NVIC
•
No read FIFO
•
Code execution from external memory
•
No boot capability
•
The targeted frequency is HCLK/2, so external access is at 12 MHz when HCLK is at
24 MHz
2.2.6
LCD parallel interface
The FSMC can be configured to interface seamlessly with most graphic LCD controllers. It
supports the Intel 8080 and Motorola 6800 modes, and is flexible enough to adapt to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com