Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100XC Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32F100XC
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100XC Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32F100XC Datasheet HTML 39Page - STMicroelectronics STM32F100XC Datasheet HTML 40Page - STMicroelectronics STM32F100XC Datasheet HTML 41Page - STMicroelectronics STM32F100XC Datasheet HTML 42Page - STMicroelectronics STM32F100XC Datasheet HTML 43Page - STMicroelectronics STM32F100XC Datasheet HTML 44Page - STMicroelectronics STM32F100XC Datasheet HTML 45Page - STMicroelectronics STM32F100XC Datasheet HTML 46Page - STMicroelectronics STM32F100XC Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 106 page
background image
DocID15081 Rev 10
43/106
STM32F100xC, STM32F100xD, STM32F100xE
Electrical characteristics
105
Table 15. STM32F100xxB maximum current consumption in Sleep mode, code
running from Flash or RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
1. Based on characterization, tested in production at VDD max and fHCLK max with peripherals enabled.
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply current
in Sleep mode
External clock(2) all
peripherals enabled
2. External clock or HSI frequency is 8 MHz and PLL is on when fHCLK > 8 MHz.
24 MHz
14.1
14.3
mA
16 MHz
9.7
10.3
8 MHz
5.9
6.2
External clock(2), all
peripherals disabled
24 MHz
4.2
4.6
16 MHz
3.7
4.1
8 MHz
2.9
3.4
HSI clock(2), all
peripherals enabled
24 MHz
12.5
12.7
16 MHz
8.2
8.5
8 MHz
6.4
6.6
HSI clock(2), all
peripherals disabled
24 MHz
2.3
2.5
16 MHz
1.7
2
8 MHz
1.4
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com