Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358VCT7 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F358VCT7
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358VCT7 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F358VCT7 Datasheet HTML 55Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 56Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 57Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 58Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 59Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 60Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 61Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 62Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 134 page
background image
DocID025540 Rev 4
59/134
STM32F358xC
Electrical characteristics
118
Table 28. Typical and maximum current consumption from VDD supply
at VDD = 1.8 V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run mode,
executing
from Flash
External
clock (HSE
bypass)
72 MHz 60.4
65.4
66.6
67.8
27.3
29.6
30.3
31.0
mA
64 MHz 54.1
58.6
59.8
60.9
24.5
26.5
27.3
27.9
48 MHz 41.5
45.0
46.1
47.0
18.8
20.4
21.0
21.7
32 MHz 28.2
30.6
31.6
32.4
12.9
14.0
14.5
15.1
24 MHz 21.5
23.4
24.2
24.9
9.8
10.8
11.3
11.8
8 MHz
7.2
8.0
8.6
9.1
3.3
3.8
4.1
4.8
1 MHz
1.1
1.4
1.6
2.4
0.6
0.8
1.1
1.9
Internal
clock (HSI)
64 MHz 49.4
53.6
54.6
55.7
24.3
26.3
27.0
27.6
48 MHz 37.9
41.2
42.1
43.0
18.6
20.3
20.8
21.4
32 MHz 25.8
28.1
29.0
29.7
12.7
13.9
14.4
14.9
24 MHz 19.7
21.4
22.3
22.9
6.6
7.3
7.8
8.3
8 MHz
6.8
7.5
8.0
8.6
3.3
3.7
4.1
4.8
Supply
current in
Run mode,
executing
from RAM
External
clock (HSE
bypass)
72 MHz 61.3 66,5(2)
67.6
68,9(2) 28.3 30,6(2)
31.5
32,2(2)
64 MHz 54.9
59.5
60.6
61.9
25.3
27.4
28.1
28.8
48 MHz 41.7
45.3
46.4
47.3
19.1
20.7
21.3
22.0
32 MHz 28.2
30.7
31.7
32.4
12.8
14.0
14.6
15.1
24 MHz 21.3
23.2
24.0
24.7
9.7
10.6
11.1
11.6
8 MHz
7.0
7.8
8.3
8.9
3.1
3.4
4.0
4.6
1 MHz
0.7
0.9
1.3
2.1
0.2
0.4
0.8
1.5
Internal
clock (HSI)
64 MHz 50.0
54.2
55.4
56.5
24.9
27.0
27.7
28.3
48 MHz 38.0
41.3
42.3
43.2
18.7
20.4
21.0
21.6
32 MHz 25.7
27.9
28.8
29.6
12.6
13.7
14.2
14.8
24 MHz 19.4
21.1
22.0
22.6
6.3
7.0
7.4
8.0
8 MHz
6.4
7.2
7.7
8.2
3.0
3.3
3.9
4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com