Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358VCT7 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F358VCT7
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358VCT7 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F358VCT7 Datasheet HTML 10Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 11Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 12Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 13Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 14Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 15Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 16Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 17Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 134 page
background image
Functional overview
STM32F358xC
14/134
DocID025540 Rev 4
3.7
Power management
3.7.1
Power supply schemes
•
VSS, VDD = 1.8 V+/- 8%: external power supply for I/Os and core. It is provided
externally through VDD pins.
•
VSSA, VDDA = 1.65 to 3.6 V: external analog power supply for ADC, DACs, comparators
operational amplifiers, reset blocks, RCs and PLL. The minimum voltage to be applied
to VDDA differs from one analog peripheral to another. Table 3 provides the summary of
the VDDA ranges for analog peripherals. The VDDA voltage level must be always
greater or equal to the VDD voltage level and must be provided first.
•
VBAT= 1.65 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and backup
registers (through power switch which is guaranteed in the full range of VDD) when
VDD is not present.
3.7.2
Power supply supervision
The device power on reset is controlled through the external NPOR pin. The device remains
in reset state when NPOR pin is held low.
To guarantee a proper power-on reset, the NPOR pin must be held low when VDDA is
applied. Then, when VDD is stable, the reset state can be exited by:
•
either putting the NPOR pin in high impedance. NPOR pin has an internal pull up.
•
or forcing the pin to high level by connecting it to VDDA.
3.7.3
Low-power modes
The STM32F358xC devices support two low-power modes to achieve the best compromise
between low-power consumption, short startup time and available wakeup sources:
•
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can
wake up the CPU when an interrupt/event occurs.
•
Stop mode
Stop mode achieves the lowest power consumption while retaining the content of
SRAM and registers. All clocks in the 1.8 V domain are stopped, the PLL, the HSI RC
and the HSE crystal oscillators are disabled.
The device can be woken up from Stop mode by any of the EXTI line. The EXTI line
source can be one of the 16 external lines, the RTC alarm, COMPx, I2Cx or U(S)ARTx.
Note:
The RTC, the IWDG and the corresponding clock sources are not stopped by entering Stop
mode.
Table 3. External analog supply values for analog peripherals
Analog peripheral
Minimum
VDDA supply
Maximum
VDDA supply
ADC
1.8 V
3.6 V
COMP
1.65 V
3.6 V
DAC / OPAMP
2.4 V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com