Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358VCT7 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F358VCT7
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358VCT7 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F358VCT7 Datasheet HTML 36Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 37Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 38Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 39Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 40Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 41Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 42Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 43Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 134 page
background image
Pinouts and pin description
STM32F358xC
40/134
DocID025540 Rev 4
92
58
42
PB6
I/O
FTf
-
I2C1_SCL, USART1_TX,
TIM16_CH1N, TIM4_CH1,
TIM8_CH1, TSC_G5_IO3,
TIM8_ETR, TIM8_BKIN2,
EVENTOUT
-
93
59
43
PB7
I/O
FTf
-
I2C1_SDA, USART1_RX,
TIM3_CH4, TIM4_CH2,
TIM17_CH1N, TIM8_BKIN,
TSC_G5_IO4, EVENTOUT
-
94
60
44
BOOT0
I
B
-
Boot memory selection
95
61
45
PB8
I/O
FTf
-
I2C1_SCL, CAN_RX,
TIM16_CH1, TIM4_CH3,
TIM8_CH2, TIM1_BKIN,
TSC_SYNC, COMP1_OUT,
EVENTOUT
-
96
62
46
PB9
I/O
FTf
-
I2C1_SDA, CAN_TX,
TIM17_CH1, TIM4_CH4,
TIM8_CH3, IR_OUT,
COMP2_OUT, EVENTOUT
-
97
-
-
PE0
I/O
FT
(1)
USART1_TX, TIM4_ETR,
TIM16_CH1, EVENTOUT
-
98
-
-
PE1
I/O
FT
(1)
USART1_RX, TIM17_CH1,
EVENTOUT
-
99
63
47
VSS_1
S
-
-Ground
100
64
48
VDD_1
S
-
-
Digital power supply
1. Function availability depends on the chosen device.
When using the small packages (48 and 64 pin packages), the GPIO pins which are not present on these packages, must
not be configured in analog mode.
2. PC13, PC14 and PC15 are supplied through the power switch. Since the switch sinks only a limited amount of current
(3 mA), the use of GPIO PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED).
After the first backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the Backup registers which is not reset by the main reset. For details on how to manage these GPIOs, refer to
the Battery backup domain and BKP register description sections in the reference manual.
3. These GPIOs offer a reduced touch sensing sensitivity. It is thus recommended to use them as sampling capacitor I/O
4. This pin is powered by VDDA.
Table 13. STM32F358xC pin definitions (continued)
Pin number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com