Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358VCT7 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F358VCT7
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358VCT7 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F358VCT7 Datasheet HTML 6Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 7Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 8Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 9Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 10Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 11Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 12Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 13Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 134 page
background image
Description
STM32F358xC
10/134
DocID025540 Rev 4
Table 2. STM32F358xC family device features and peripheral counts
Peripheral
STM32F
358Cx
STM32F
358Rx
STM32F
358Vx
Flash (Kbytes)
256
256
256
SRAM (Kbytes) on data bus
40
40
40
CCM (Core Coupled Memory) RAM (Kbytes)
8
Timers
Advanced control
2 (16-bit)
General purpose
5 (16-bit)
1 (32-bit)
Basic
2 (16-bit)
PWM channels (all)(1)
1. This total number considers also the PWMs generated on the complementary output channels.
31
33
PWM channels (except complementary)
22
24
Comm. interfaces
SPI(I2S)(2)
2. The SPI interfaces can work in an exclusive way in either the SPI mode or the I2S audio mode.
3(2)
I2C
2
USART
3
UART
2
CAN
1
GPIOs
Normal
I/Os
(TC, TTa)
19
26
44
5 volts
Tolerant
I/Os
(FT, FTf)
17
25
42
DMA channels
12
12-bit ADCs
Number of channels
4
14
21
38
12-bit DAC channels
2
Analog comparator
7
Operational amplifiers
4
CPU frequency
72 MHz
Operating voltage
VDD = 1.8 V +/- 8%, VDDA = 1.65 V to 3.6 V
Operating temperature
Ambient operating temperature: - 40 to 85 °C /
- 40 to 105 °C
Junction temperature: - 40 to 125 °C
Packages
LQFP48
LQFP64
LQFP100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com