Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358VCT7 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32F358VCT7
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358VCT7 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32F358VCT7 Datasheet HTML 82Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 83Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 84Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 85Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 86Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 87Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 88Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 89Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 134 page
background image
Electrical characteristics
STM32F358xC
86/134
DocID025540 Rev 4
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 20 and
Table 54, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
ambient temperature and VDD supply voltage conditions summarized in Table 24.
Table 54. I/O AC characteristics(1)
OSPEEDRy [1:0]
value(1)
Symbol
Parameter
Conditions
Min
Max
Unit
x0
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-1
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
125(3)
ns
tr(IO)out
Output low to high level
rise time
-
125(3)
01
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-4(3)
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-
62.5(3)
ns
tr(IO)out
Output low to high level
rise time
-
62.5(3)
11
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-10(3)
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-25(3)
ns
tr(IO)out
Output low to high level
rise time
CL = 50 pF, VDD = 1.65 V to 1.95 V
-25(3)
FM+
configuration(4)
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 1.65 V to 1.95 V
-0.5(4)(3) MHz
tf(IO)out
Output high to low level
fall time
-16(4)(3)
ns
tr(IO)out
Output low to high level
rise time
-44(4)(3)
-tEXTIpw
Pulse width of external
signals detected by the
EXTI controller
-
10
-
ns
1. The I/O speed is configured using the OSPEEDRx[1:0] bits. Refer to the RM0316 reference manual for a description of
GPIO Port configuration register.
2. The maximum frequency is defined in Figure 20.
3. Guaranteed by design, not tested in production.
4. The I/O speed configuration is bypassed in FM+ I/O mode. Refer to the RM0316 STM32F303xx, STM32F358xC and
STM32F328x4/6/8 reference manual (RM0316) for a description of FM+ I/O mode configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com