Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358VCT7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F358VCT7
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358VCT7 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F358VCT7 Datasheet HTML 1Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 2Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 3Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 4Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 5Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 6Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 7Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 8Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
This is information on a product in full production.
April 2015
DocID025540 Rev 4
1/134
STM32F358xC
ARM®-based Cortex®-M4 32b MCU+FPU, up to 256KB Flash+
48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp., 4 PGA, timers, 1.8 V
Datasheet
- production data
Features
• Core: ARM® Cortex®-M4 32-bit CPU with FPU
(72 MHz max), single-cycle multiplication and
HW division, 90 DMIPS (from CCM), DSP
instruction and MPU (memory protection unit).
• Operating conditions:
– VDD: 1.8V +/- 8%
– VDDA voltage range: 1.65 to 3.6 V
• Memories
– 256 Kbytes of Flash memory
– Up to 40 Kbytes of SRAM, with HW parity
check implemented on the first 16 Kbytes.
– Routine bootster: 8 Kbytes of SRAM on
instruction and data bus, with HW parity
check (CCM: Core Coupled Memory)
• CRC calculation unit
• Reset and supply management
– Low-power modes: Sleep, and Stop
– VBAT supply for RTC and backup registers
• Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x 16 PLL option
– Internal 40 kHz oscillator
• Up to 86 fast I/Os
– All mappable on external interrupt vectors
– Several 5 V-tolerant
• Interconnect matrix
• 12-channel DMA controller
• Up to four ADC 0.20 µS (up to 38 channels)
with selectable resolution of 12/10/8/6 bits, 0 to
3.6 V conversion range, separate analog
supply from 1.8 to 3.6 V
• Up to two 12-bit DAC channels with analog
supply from 2.4 to 3.6 V
• Seven fast rail-to-rail analog comparators with
analog supply from 1.65 to 3.6 V
• Up to four operational amplifiers that can be
used in PGA mode, all terminal accessible with
analog supply from 2.4 to 3.6 V
• Up to 24 capacitive sensing channels
supporting touchkey, linear and rotary touch
sensors
• Up to 13 timers
– One 32-bit timer and two 16-bit timers with
up to 4 IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– Up to two 16-bit 6-channel advanced-
control timers, with up to 6 PWM channels,
deadtime generation and emergency stop
– One 16-bit timer with 2 IC/OCs, 1
OCN/PWM, deadtime generation and
emergency stop
– Two 16-bit timers with IC/OC/OCN/PWM,
deadtime generation and emergency stop
– 2 watchdog timers (independent, window)
– SysTick timer: 24-bit downcounter
– Up to two 16-bit basic timers to drive the
DAC
• Calendar RTC with Alarm, periodic wakeup
from Stop
• Communication interfaces
– CAN interface (2.0B Active)
– Two I2C Fast mode plus (1 Mbit/s) with 20
mA current sink, SMBus/PMBus, wakeup
from STOP
– Up to five USART/UARTs (ISO 7816
interface, LIN, IrDA, modem control)
– Up to three SPIs, two with multiplexed I2S
interface, 4 to 16 programmable bit frames
– Infrared Transmitter
• Cortex®-M4 with FPU ETM, Serial wire debug,
JTAG
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F358xC
STM32F358CC, STM32F358RC, STM32F358VC
LQFP64 (10 × 10 mm)
LQFP100 (14 × 14 mm)
LQFP48 (7 × 7 mm)
www.st.com


Similar Part No. - STM32F358VCT7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F3 STMICROELECTRONICS-STM32F3 Datasheet
2Mb / 16P
Mainstream 32-bit MCUs Releasing your creativity
Sep-2017
STM32F301C6 STMICROELECTRONICS-STM32F301C6 Datasheet
1Mb / 135P
ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
22-Jul-2016
STM32F301C6 STMICROELECTRONICS-STM32F301C6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301C6T6 STMICROELECTRONICS-STM32F301C6T6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301C6T6TR STMICROELECTRONICS-STM32F301C6T6TR Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
More results

Similar Description - STM32F358VCT7

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-20-30B-DU ECS-ECS-160-20-30B-DU Datasheet
213Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-200-20-3X-TR ECS-ECS-200-20-3X-TR Datasheet
601Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-240-18-23A-EN-TR ECS-ECS-240-18-23A-EN-TR Datasheet
150Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-250-20-30B-DU ECS-ECS-250-20-30B-DU Datasheet
213Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-250-20-33-TR ECS-ECS-250-20-33-TR Datasheet
610Kb / 2P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-400-20-3X-EN-TR ECS-ECS-400-20-3X-EN-TR Datasheet
601Kb / 1P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-2018-080-BN ECS-ECS-2018-080-BN Datasheet
629Kb / 2P
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
logo
Vishay Siliconix
VS-HFA06TB120SPBF VISHAY-VS-HFA06TB120SPBF Datasheet
167Kb / 8P
Specified at operating conditions
26-Feb-16
logo
STMicroelectronics
STM8L151X6 STMICROELECTRONICS-STM8L151X6 Datasheet
2Mb / 146P
Operating conditions
15-Feb-2017
STM8TL52X4 STMICROELECTRONICS-STM8TL52X4 Datasheet
1Mb / 84P
Operating conditions
01-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com