Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358VCT7 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32F358VCT7
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358VCT7 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32F358VCT7 Datasheet HTML 102Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 103Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 104Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 105Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 106Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 107Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 108Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 109Page - STMicroelectronics STM32F358VCT7 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 134 page
background image
Electrical characteristics
STM32F358xC
106/134
DocID025540 Rev 4
Table 68. ADC accuracy - limited test conditions 64-pin packages(1)(2)
Symbol Parameter
Conditions
Min
(3)
Typ
Max
(3)
Unit
ET
Total
unadjusted
error
ADC clock freq.
≤ 72 MHz
Sampling freq.
≤ 5 Msps
VDDA = VREF+ = 3.3 V
25°C
64-pin package
Single ended
Fast channel 5.1 Ms
-
±4.0 ±4.5
LSB
Slow channel 4.8 Ms
-
±5.5 ±6.0
Differential
Fast channel 5.1 Ms
-
±3.5 ±4.0
Slow channel 4.8 Ms
-
±3.5 ±4.0
EO
Offset error
Single ended
Fast channel 5.1 Ms
-
±2.0 ±2.0
Slow channel 4.8 Ms
-
±1.5 ±2.0
Differential
Fast channel 5.1 Ms
-
±1.5 ±2.0
Slow channel 4.8 Ms
-
±1.5 ±2.0
EG
Gain error
Single ended
Fast channel 5.1 Ms
-
±3.0 ±4.0
Slow channel 4.8 Ms
-
±5.0 ±5.5
Differential
Fast channel 5.1 Ms
-
±3.0 ±3.0
Slow channel 4.8 Ms
-
±3.0 ±3.0
ED
Differential
linearity
error
Single ended
Fast channel 5.1 Ms
-
±1.0 ±1.0
Slow channel 4.8 Ms
-
±1.0 ±1.0
Differential
Fast channel 5.1 Ms
-
±1.0 ±1.0
Slow channel 4.8 Ms
-
±1.0 ±1.0
EL
Integral
linearity
error
Single ended
Fast channel 5.1 Ms
-
±1.5 ±2.0
Slow channel 4.8 Ms
-
±2.0 ±3.0
Differential
Fast channel 5.1 Ms
-
±1.5 ±1.5
Slow channel 4.8 Ms
-
±1.5 ±2.0
ENOB(4)
Effective
number of
bits
Single ended
Fast channel 5.1 Ms
10.8 10.8
-
bits
Slow channel 4.8 Ms 10.8 10.8
-
Differential
Fast channel 5.1 Ms
11.2 11.3
-
Slow channel 4.8 Ms 11.2 11.3
-
SINAD(4)
Signal-to-
noise and
distortion
ratio
Single ended
Fast channel 5.1 Ms
66
67
-
dB
Slow channel 4.8 Ms
66
67
-
Differential
Fast channel 5.1 Ms
69
70
-
Slow channel 4.8 Ms
69
70
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com