Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3094 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TP3094
Description  Quad PCM Codec/Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3094 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  TP3094 Datasheet HTML 1Page - National Semiconductor (TI) TP3094 Datasheet HTML 2Page - National Semiconductor (TI) TP3094 Datasheet HTML 3Page - National Semiconductor (TI) TP3094 Datasheet HTML 4Page - National Semiconductor (TI) TP3094 Datasheet HTML 5Page - National Semiconductor (TI) TP3094 Datasheet HTML 6Page - National Semiconductor (TI) TP3094 Datasheet HTML 7Page - National Semiconductor (TI) TP3094 Datasheet HTML 8Page - National Semiconductor (TI) TP3094 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
www.national.com
expects its individual transmit and receive frame
signal. When it is HIGH, the 32 bit mode is select-
ed; in this mode FSX0 and FSR0 are used as
framing signals and the TS are allocated consec-
utively from these frames, starting from Ch0 to
Ch3. In this mode FSX1 and FSR1 become out-
puts and produce 1 bit long frame signals with the
last bit of the 32 bit stream. These Frame signals
can be used to cascade another device in 32 bit
mode.
NF
Noise Filter Pin. For optimal noise rejection a
100nF capacitor must be connected between this
pin and the analog ground AGND0.
PT1, PT2, PT3, PT4 (inputs)
These pins are used by National for internal man-
ufacturing test. They must be connected to digital
ground for normal device operation.
NC
All NC pins must be connected to nearest analog
ground, to reduce the device noise sensitivity.
Functional Description
The TP3094 performs the complete CODEC/filter
functions for four voice channels using a digital
signal processing architecture. MCLK provides
the clock reference to the whole circuitry and the
bit clock for the PCM bus. Its value can be either
8.192MHz,
4.096MHz,
2.048MHz
or
1.536/
1.544MHz, and it is automatically selected inter-
nally. The TP3094 handles the conversion be-
tween the analog signals on the subscriber line
and the PCM data samples on a PCM highway.
Digital filters are used to band-limit the voice sig-
nals.
The device can work in a 8 bit mode where each
channel has an independently selected Time
Slot, or in the 32 bit mode, where the four chan-
nels use four consecutive Time Slots. The time-
division multiplexed PCM data is transferred to
the PCM highway through the standard serial
PCM bus.
Each channel has its dedicated Power Down in-
put.
Power Initialization
When power is first applied to the device, power-
on reset circuitry initializes the device and places
it in the power down state. All non-essential cir-
cuits are de-activated. PCM output DX and ana-
log outputs VRO0-3 are placed in the high
impedance state, while FSX1 and FSR1 outputs
are held low (in case 32-bit mode is selected). In
the power down mode, power consumption is re-
duced to a minimum, typically 2mW. The device
will remain in this state as long as no MCLK is ap-
plied and no Frame Signal is applied (just FSX0
and FSR0 in case of 32-bit mode).
For each channel, when the PDN input is not ac-
tive, MCLK is applied, and a FS (receive or trans-
mit) pulse is running, the device enters the active
power up mode. The MCLK frequency is detected
with any available FS signal; the clock rate detec-
tion may last for up to 4ms, after which the device
is ready for powering up. Analog and PCM output
signals will be available after a few frames; it will
take about 100ms until the first activated channel
is fully functional.
The device will only power up when at least one
of the FS signals and the MCLK signal are in a
valid frequency ratio.
Power Down and Reset
When one channel is in Power Down Mode, the
DX output will remain in high impedance state
and the input on the DR will be ignored when its
FS signal is active; the analog output VRO will be
in high impedance.
Each channel will enter the power down mode
when at least one of the following conditions oc-
curs
• The PDN signal is active for more than 16
MCLK cycles (and TST is not active at the
same time)
• More than 4 pulses of the respective FS are
missing.
• MCLK is missing for a 12us.
When the PDN input is active (HIGH) for at least
16 MCLK clock cycles, the channel will go into
power down mode and reset its state within a
frame sync. The channel will recover from Power
Down, after having detected the PDN signal inac-
tive (LOW) for at least 16 MCLK clock cycles and
after 1 frame sync pulse.
This power down mode will work only in presence
of the master clock at the pin MCLK.
Pin Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com