Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3094 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TP3094
Description  Quad PCM Codec/Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3094 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button TP3094 Datasheet HTML 8Page - National Semiconductor (TI) TP3094 Datasheet HTML 9Page - National Semiconductor (TI) TP3094 Datasheet HTML 10Page - National Semiconductor (TI) TP3094 Datasheet HTML 11Page - National Semiconductor (TI) TP3094 Datasheet HTML 12Page - National Semiconductor (TI) TP3094 Datasheet HTML 13Page - National Semiconductor (TI) TP3094 Datasheet HTML 14Page - National Semiconductor (TI) TP3094 Datasheet HTML 15Page - National Semiconductor (TI) TP3094 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
www.national.com
Power Dissipation
Amplitude Response
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC0
Power down current (all
channels down)
Measured after having first
achieved power-up state.
MCLK=2.048MHz
0.9
1.5
mA
ICC1
Power up active current
(all channel active)
No load, MCLK=2.048MHz
35
50
mA
Absolute Levels
Nominal 0dBm0 level is 0dBm at
the analog inputs/outputs
0.7746
Vrms
tmax
Virtual decision value
defined per ITU G.711
Max overload level
3.17dBm0 (
µ-law)
3.14dBm0 (A-law)
1.116
1.112
Vrms
Vrms
GXA
Transmit gain, absolute
TA=25
oC, V
CC=5V,
Input at VXI=0dBm0 at
1015.625Hz
-0.15
0.15
dB
GXAT/V
Cumulative Transmit
gain Variation with sup-
plies and temperature
ranges
TA=0
oC to 70oC, V
CC=5V±5%,
TA=-40oC to +85oC, VCC=5V±5%
Input at GXO=0dBm0 at
1015.625Hz
-0.2
-0.3
0.2
0.3
dB
dB
GXR
Transmit gain, relative
to GXA
f=16Hz
f=50Hz
f=60Hz
f=200Hz
f=300-3000Hz
f=3300Hz
f=3400Hz
f=4000Hz
f=4.6KHz and up (Note 2),
measure response from 0 to
4000Hz
-1.8
-0.15
-0.35
-0.7
-35
-30
-30
0
0.15
0.15
0
-14
-32
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
GXAL
Transmit gain variation
with level
Sinusoidal test method, refer-
ence level = -10dBm0 at VXI
GXO=-40dBm0 to +3dBm0
GXO=-50dBm0 to -40dBm0
GXO=-55dBm0 to -50dBm0
-0.2
-0.4
-1.0
0.2
0.4
1.0
dB
dB
dB
GRA
Receive gain, absolute
TA=25
oC, V
CC=5V±5%
Input PCM level at DR=0dBm0 at
1015.625Hz
-0.15
0.15
dB
GRAT/V
Cumulative Receive gain
Variation with supplies
and temperature ranges
TA=0
oC to 70oC, V
CC=5V±5%,
TA=-40
oC to 85oC, V
CC=5V±5%,
Input PCM level at DR=0dBm0 at
1015.625Hz
-0.2
-0.3
0.2
0.3
dB
GRR
Receive gain, relative to
GRA
f=0-3000Hz
f=3300Hz
f=3400Hz
f=4000Hz
-0.15
-0.35
-0.7
0.15
0.15
0
-14
dB
dB
dB
dB
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com