Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3094 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TP3094
Description  Quad PCM Codec/Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3094 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  TP3094 Datasheet HTML 1Page - National Semiconductor (TI) TP3094 Datasheet HTML 2Page - National Semiconductor (TI) TP3094 Datasheet HTML 3Page - National Semiconductor (TI) TP3094 Datasheet HTML 4Page - National Semiconductor (TI) TP3094 Datasheet HTML 5Page - National Semiconductor (TI) TP3094 Datasheet HTML 6Page - National Semiconductor (TI) TP3094 Datasheet HTML 7Page - National Semiconductor (TI) TP3094 Datasheet HTML 8Page - National Semiconductor (TI) TP3094 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
www.national.com
When both the transmit and receive frame sync of
a channel are missing the channel will go into
Power Down Mode (if only one of them is missing
the channel will not go into Power Down). A max-
imum of 32
frame sync pulses must be missing
for power down and the channel will achieve its
reset state after 32.5us. The channel will recover
from power down, within the time of 4ms after the
frame syncs (transmit or receive) will be active.
When the device is in 32-bit mode, missing FSX0,
FSR0 for 512us, will force all channels in power
down mode.
When the master clock MCLK is missing, all the
channels will go into the Global Power Down
Mode, with the lowest possible power consump-
tion. The device will recover from this mode,
when the clock signal comes back (and at least
one frame sync is present), and then the active
channels will operate after less than 100ms.
The device will go into the same Global Power
Down Mode when all the frame syncs (of all the
channels, in case of 8bit mode, the FSX0, FSR0
in case of 32-bit mode) are not present or when
all 4 PDN signals are active. The recovery time
from this mode for the first active channel is less
than 100ms.
Transmit Section
The transmit section input is an operational ampli-
fier, with provision for gain adjustment using two
external resistors. Only the inverting input is pro-
vided (together with the output), this allows, be-
side the adjustment of the gain, to implement the
echo balance function with external passive com-
ponents.
The opamp drives the antialiasing input filter, fol-
lowed by the A to D converter, which provides the
digital input to the signal processing unit.
The signal processing unit accepts the signal
samples from each channel input stage, performs
the necessary decimation and filtering function,
PCM compression and provides the eight bit
samples to the PCM interface block.
The analog input is dc biased at the value of 2.4V.
A DC decoupling is necessary between this input
and the SLIC output. The maximum analog signal
level, at the op-amp output, is 1.12Vrms.
Maximum recommended transmit gain is 20dB
(10x).
Receive Section
This section takes the 8 bit samples from the
PCM interface block and performs all the signal
processing functions, such as PCM expansion
according to the ALaw or uLaw and signal filter-
ing. Then, for each channel it drives the Digital to
Analog converter, through the proper interpola-
tion stages and filters. Finally the signal is filtered
and buffered to the output receive pin. The maxi-
mum output level voltage on the VRO pins on a
load of 5kOhm+100pF is 1.12Vrms.
PCM Interface
The PCM interface consists of the following sig-
nals
• DX, DR - transmit and receive digital signals,
carrying the pcm samples
• FSX0-3, FSR0-3 - transmit and receive frame
signals
• TSX - output time slots signal, indicating the
time slot occupied on the DX by the device
• PCMMode - PCM interface select
• A/uLaw - A-law/ u-law select signal
•
TABLE 1. A/uLaw Coding
• MCLK - bit clock signal
MCLK is both the system master clock and the
PCM bus bit clock, and it is selected internally to
be either 8.192MHz, 4.096MHz, 2.048MHz, or
1.536/ 1.544MHz.
The internal clock selection is perfomed, based
on the relative ratio between the frame signals
(FS) and the clock signals. For proper functional-
ity all the channel FS must have the same valid
rate of 8kHz (giving a valid clock rate). In case
one of the frame syncs runs other than 8kHz, the
device will not function properly.
Each bit on DX is clocked out on the rising edges
of the bit clock (MCLK), starting from the Most
Significant Bit (Sign bit). Each bit on DR is
clocked in on the falling edges of the bit clock,
starting from the MSB.
The device may operate on to the PCM bus in two
modes, selected by the input pin PCMMode;
when PCMMode is “0V” the 8bit mode is selected
and when PCMMode is “+5V” the 32-bit mode is
selected.
PCMMode = HIGH
PCMMode = LOW
32 bit
8 bit
A/uLaw = HIGH
A/uLaw = LOW
A-law
u-law



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com