Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3094 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TP3094
Description  Quad PCM Codec/Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3094 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button TP3094 Datasheet HTML 11Page - National Semiconductor (TI) TP3094 Datasheet HTML 12Page - National Semiconductor (TI) TP3094 Datasheet HTML 13Page - National Semiconductor (TI) TP3094 Datasheet HTML 14Page - National Semiconductor (TI) TP3094 Datasheet HTML 15Page - National Semiconductor (TI) TP3094 Datasheet HTML 16Page - National Semiconductor (TI) TP3094 Datasheet HTML 17Page - National Semiconductor (TI) TP3094 Datasheet HTML 18Page - National Semiconductor (TI) TP3094 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
www.national.com
Applications Information
SLIC
Tip
Ring
VXI0
VRO0
SLIC
Tip
Ring
VXI1
VRO1
SLIC
Tip
Ring
VXI2
VRO2
SLIC
Tip
Ring
VXI3
VRO3
DX
DR
FSX0
FSR0
FSX1
FSR1
FSR2
FSX3
FSR3
FSX2
PDN0
PDN1
PDN2
PDN3
PCM Mode
TSX
MCLK
GX0
GX11
GX2
GX3
+5V Supply
DGND
AGND0
AGND1
NF
AVCC0
AVCC1
DVCC
A/ULaw
T
3
0
9
4
FIGURE 9. Typical application in a non cascaded mode
P
Zb
Zb
Zb
Zb
System Bus
5V (A-law)
DGND (u-law)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com