Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3094 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TP3094
Description  Quad PCM Codec/Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3094 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP3094 Datasheet HTML 1Page - National Semiconductor (TI) TP3094 Datasheet HTML 2Page - National Semiconductor (TI) TP3094 Datasheet HTML 3Page - National Semiconductor (TI) TP3094 Datasheet HTML 4Page - National Semiconductor (TI) TP3094 Datasheet HTML 5Page - National Semiconductor (TI) TP3094 Datasheet HTML 6Page - National Semiconductor (TI) TP3094 Datasheet HTML 7Page - National Semiconductor (TI) TP3094 Datasheet HTML 8Page - National Semiconductor (TI) TP3094 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© 2000 National Semiconductor Corporation
www.national.com
TP3094 COMBO®
Quad PCM Codec/Filter
February 2000
General Description
The TP3094 is a monolithic PCM Codec and Fil-
ter device implemented using a digital signal pro-
cessing architecture. It provides four voice
channels, combining transmit bandpass and re-
ceive low pass channel filters with companding A-
law or m-law PCM encoders and decoders. The
device is fabricated using National’s advanced
CMOS process.
The device includes anti-aliasing filters and sig-
ma-delta converters dedicated to each channel,
and by a common signal processing unit which
performs all the remaining filtering and process-
ing for the four channels.
The TP3094 includes a flexible PCM digital inter-
face, which allows the device to be connected to
PCM busses of different formats. It can also be
connected with other TP3094 devices in a cas-
cade fashion, for a system with up to 128 POTS
interfaces (when a 2.048MHz PCM bus is used).
Features
• Handles four voice channels
• Complete Codec and Filter system including:
- Transmit and receive channel filters
- A-law or
µ-law companding encoder/decoder
• Power down mode for low power consumption
• Compatible to standard time division multi-
plexed PCM bus
- 8 bit mode, frame signal from external reference
- 32 bit mode, internal TSA, with consecutive TS
• Up to 128 channels (32 devices) can be cas-
caded
• Programmable functions (common for all 4
channels):
- A-law or
µ-law
- Single MCLK clock,automatically selectable from
8.192MHz, 4.096MHz, 2.048MHz and
1.536/1.544MHz
- Digital and Analog loopback test modes
• Designed for CCITT and LSSGR applications
• Single +5V power supply
• 44 lead PLCC surface mount package
• Maximize line card circuit density
• Use in Central Office, Loop Carrier, and PBX
equipment subscriber line and trunk cards
• Wide operating temperature range -40°C to
85°C
Connection Diagram
Order Number TP3094V
TP3094
6
5
4
3
2
1
44
43
42 41 40
39
38
37
36
35
34
33
32
30
29
31
18 19
20 21 22 23 24
25 26 27 28
7
8
9
10
11
12
13
14
15
16
17
AGND1
VXI2
GXO2
VRO2
VRO1
NC
GXO1
VXI1
NF
AGND0
VXI0
FSR1
FSX1
FSR2
FSX2
FSR3
FSX3
DVCC
NC
DGND
DX
PT4
See NS Package V44A
COMBO® and TRI-STATE® are registered trademarks of National Semiconductor Corporation


Similar Part No. - TP3094

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3094 TI1-TP3094 Datasheet
131Kb / 20P
Handles four voice channels
TP3094V/NOPB TI1-TP3094V/NOPB Datasheet
131Kb / 20P
Handles four voice channels
TP3094 TI1-TP3094_12 Datasheet
131Kb / 20P
Handles four voice channels
More results

Similar Description - TP3094

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
PCM Codec-Filter
logo
Asahi Kasei Microsystem...
AK2304A AKM-AK2304A Datasheet
419Kb / 17P
QUAD PCM CODEC/FILTER COMBO LSI
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
PCM CODEC - FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
5V PCM CODEC-FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
PCM Codec-Filter
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
PCM Codec-Filter
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
5V PCM Codec-Filter
REV 2 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com