Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3094 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TP3094
Description  Quad PCM Codec/Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3094 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button TP3094 Datasheet HTML 9Page - National Semiconductor (TI) TP3094 Datasheet HTML 10Page - National Semiconductor (TI) TP3094 Datasheet HTML 11Page - National Semiconductor (TI) TP3094 Datasheet HTML 12Page - National Semiconductor (TI) TP3094 Datasheet HTML 13Page - National Semiconductor (TI) TP3094 Datasheet HTML 14Page - National Semiconductor (TI) TP3094 Datasheet HTML 15Page - National Semiconductor (TI) TP3094 Datasheet HTML 16Page - National Semiconductor (TI) TP3094 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
www.national.com
Note 2: Measure voiceband image signal, stimulus signal level is -25dBm0.
Distortion
GRAL
Receive gain variation
with level
Sinusoidal test method,
PCM level=-40dBm0 to +3dBm0
PCM Level=-50dBm0 to -40dBm0
PCM Level=-55dBm0 to -50dBm0
-0.2
-0.4
-1.0
0.2
0.4
1.0
dB
dB
dB
STDXP
Transmit signal to total
distortion
Sinusoidal test method, A-law
(psophometric filter), u-Law (C
message filter), FSX=FSR,
fXI=1015.625Hz
GXO=+3dBm0
GXO=0 to -30dBm0
GXO= -40dBm0
GXO= -45dBm0
GXO= -50dBm0
GXO= -55dBm0
33
36
29
25
20
14
dB
dB
dB
dB
dB
dB
SFDX
Transmit single fre-
quency distortion
Sinusoidal test method, PCM
code for all channels equals to
positive zero, FSX=FSR,
fXI=1015.625Hz, GXO=0dBm
-46
dB
STDRP
Receive signal to total
distortion
Sinusoidal test method, A-law,
(psophometric filter), u-Law (C
message filter), FSX=FSR,
f=1015.625Hz,
PCM level=+3dBm0
PCM level=0 to -30dBm0
PCM level=-40dBm0
PCM level=-45dBm0
PCM level=-50dBm0
PCM level= -55dBm0
33
36
29
25
20
15
dB
dB
dB
dB
dB
SFDR
Receive single fre-
quency distortion
Sinusoidal test method, PCM
code for all channels equals to
0dBm0, FSX=FSR,
f=1015.625Hz, GXO=0Vrms
-46
dB
SOSRS
Receive spurious out of
band signals
Single frequency, PCM code for
all channels equals 0 dBm0,
300Hz-3.4KHz, FSX=FSR,
GXO=0Vrms
f=4.6KHz-7.6KHz
f=7.6KHz-8.4KHz
f=8.4KHz-100KHz
-30
-40
-30
dB
dB
dB
Electrical Characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com