Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMLP Datasheet(PDF) 5 Page - Abracon Corporation

Part # ASTMLP
Description  Consumer electronics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMLP Datasheet(HTML) 5 Page - Abracon Corporation

  ASTMLP Datasheet HTML 1Page - Abracon Corporation ASTMLP Datasheet HTML 2Page - Abracon Corporation ASTMLP Datasheet HTML 3Page - Abracon Corporation ASTMLP Datasheet HTML 4Page - Abracon Corporation ASTMLP Datasheet HTML 5Page - Abracon Corporation ASTMLP Datasheet HTML 6Page - Abracon Corporation ASTMLP Datasheet HTML 7Page - Abracon Corporation ASTMLP Datasheet HTML 8Page - Abracon Corporation ASTMLP Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
ASTMLP
Low power, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
Table 4: Vdd=3.0V Rise/Fall Times for Specific CLOAD
Table 5: Vdd=3.3V Rise/Fall Times for Specific CLOAD
(a) Output Frequency: 1MHz – 110MHz
Rise/Fall Time Typ. (ns)
Drive Strength
Options
CLOAD
5pF
15pF
30pF
45pF
60pF
L
3.60
7.21
11.97
18.74
24.30
A
1.84
3.71
6.72
9.86
12.68
R
1.22
2.46
4.54
6.76
8.62
B
0.89
1.92
3.39
5.20
6.64
T or Blank
(default)
0.51
1.00
1.97
3.07
3.90
E
0.38
0.92
1.72
2.71
3.51
U
0.30
0.83
1.55
2.40
3.13
F
0.27
0.76
1.39
2.16
2.85
(b) Output Frequency: 115MHz – 137MHz
Rise/Fall Time Typ. (ns)
Drive Strength
Options
CLOAD
5pF
15pF
30pF
R
1.22
N/A
N/A
B
0.89
N/A
N/A
T or Blank
(default)
0.51
1.00
N/A
E
0.38
0.92
N/A
U
0.30
0.83
N/A
F
0.27
0.76
1.39
(a) Output Frequency: 1MHz – 110MHz
Rise/Fall Time Typ. (ns)
Drive Strength
Options
CLOAD
5pF
15pF
30pF
45pF
60pF
L
3.39
6.88
11.63
17.56
23.59
A
1.74
3.50
6.38
8.89
12.19
R
1.16
2.33
4.29
6.04
8.34
B
0.81
1.82
3.22
4.52
6.33
T or Blank
(default)
0.46
1.00
1.86
2.60
3.84
E
0.33
0.87
1.64
2.30
3.35
U
0.28
0.79
1.46
2.05
2.93
F
0.25
0.72
1.31
1.83
2.61
(b) Output Frequency: 115MHz – 137MHz
Rise/Fall Time Typ. (ns)
Drive Strength
Options
CLOAD
5pF
15pF
30pF
R
1.16
N/A
N/A
B
0.81
N/A
N/A
T or Blank
(default)
0.46
1.00
N/A
E
0.33
0.87
N/A
U
0.28
0.79
1.46
F
0.25
0.72
1.31
CALCULATING MAXIMUM FREQUENCY
Based on the rise and fall time data given in Table 1 through 5, the maximum frequency the oscillator can operate with
a guaranteed full swing of the output voltage over temperature is calculated as follows:
1
Example:
Calculate Fmax of a 1MHz ~ 110MHz device with the following condition:
º
Vdd = 1.8V (Table 1)
º
Capacitive Load = 30pF
º
Desired Tr/f Time: = 3ns (rise/fall time option code “E”)
The Fmax is 66.66666MHz.
ASTMLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com