Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMLP Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASTMLP
Description  Consumer electronics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMLP Datasheet(HTML) 3 Page - Abracon Corporation

  ASTMLP Datasheet HTML 1Page - Abracon Corporation ASTMLP Datasheet HTML 2Page - Abracon Corporation ASTMLP Datasheet HTML 3Page - Abracon Corporation ASTMLP Datasheet HTML 4Page - Abracon Corporation ASTMLP Datasheet HTML 5Page - Abracon Corporation ASTMLP Datasheet HTML 6Page - Abracon Corporation ASTMLP Datasheet HTML 7Page - Abracon Corporation ASTMLP Datasheet HTML 8Page - Abracon Corporation ASTMLP Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
ASTMLP
Low power, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
PART IDENTIFICATION:
ASTMLP - -
MHz-
-
-
Packaging
Blank: Bulk
T: Tape & Reel
(1kpcs / reel)
T3: Tape & Reel
(3kpcs / reel)
Package Size
A: 2.0x1.6mm
D: 2.5x2.0mm
E: 3.2x2.5mm
FL: 5.0x3.2mm
V: 7.0x5.0mm
Operating Temp.
E: -20°C ~ +70°C
L: -40°C ~ +85°C
Output Frequency
in MHz
e.g. 7.3728,
125.000
Freq. Stability
J: ±20ppm
R: ±25 ppm
C: ±50 ppm
Supply Voltage
Blank: 2.25V~3.63V
18: 1.8V±10%
25: 2.5V±10%
28: 2.8V±10%
30: 3.0V±10%
33: 3.3V±10%
Output Drive Strength*
Blank: Default
L**
A**
R
B
T
E
U
F
* See Table 1 to 5 for the Rise/Fall times at
different drive strength and available options
** Only available for F=1MHz~110MHz
Pin 1 Function
E: Output Enable
S: Standby
N: No Connect
Absolute Maximum Ratings
Attempted operation outside the absolute maximum ratings may cause permanent damage to the part. Actual
performance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Note: 1. Exceeding this temperature for extended period of time may damage the device
Thermal Consideration
Maximum Operating Junction Temperature (2)
Note: 2. Datasheet specifications are not guaranteed if junction temperature exceeds the maximum operating junction temperature
Parameters
Min.
Max.
Unit
0
5
1
5
6
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
°C
VDD
V
4
5
.
0
-
Electrostatic Discharge (HBM)
2000
V
Soldering Temperature
(follow standard Pb free soldering guidelines)
260
°C
Junction Temperature (1)
0
5
1
°C
Package
θ
JA, 4 Layer Board
(°C/W)
θ
JA, 2 Layer Board
(°C/W)
θ
JC, Bottom
(°C/W)
7.0 x 5.0mm
142
273
30
5.0 x 3.2mm
97
199
24
3.2 x 2.5mm
109
212
27
2.5 x 2.0mm
117
222
26
2.0 x 1.6mm
152
252
36
Max. Operating Temperature (ambient)
Max. Operating Junction Temperature
C
°
0
8
C
°
0
7
C
°
5
9
C
°
5
8
ASTMLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com