Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMLP Datasheet(PDF) 12 Page - Abracon Corporation

Part # ASTMLP
Description  Consumer electronics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMLP Datasheet(HTML) 12 Page - Abracon Corporation

Back Button ASTMLP Datasheet HTML 5Page - Abracon Corporation ASTMLP Datasheet HTML 6Page - Abracon Corporation ASTMLP Datasheet HTML 7Page - Abracon Corporation ASTMLP Datasheet HTML 8Page - Abracon Corporation ASTMLP Datasheet HTML 9Page - Abracon Corporation ASTMLP Datasheet HTML 10Page - Abracon Corporation ASTMLP Datasheet HTML 11Page - Abracon Corporation ASTMLP Datasheet HTML 12Page - Abracon Corporation ASTMLP Datasheet HTML 13Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
ASTMLP
Low power, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
REFLOW PROFILE:
Item
Conditions
TS MAX to TL (Ramp-up Rate)
3°C/second max
Preheat
Temperature Minimum (TS MIN)
150°C
Temperature Typical (TS TYP)
175°C
Temperature Maximum (TS MAX)
200°C
Time (tS
s
d
n
o
c
e
s
0
8
1
–
0
6
)
Ramp-up Rate (TL to TP)
3°C/second max
Time Maintained Above
Temperature (TL)
217°C
Time (tL
s
d
n
o
c
e
s
0
5
1
–
0
6
)
Peak Temperature (TP)
260°C max
Target Peak Temperature (TP Target)
255°C
Time within 5°C of actual peak (tP)
20 – 40 seconds
Max. Number of Reflow Cycles
3
Ramp-down Rate
6°C/second max
Time 25°C to Peak Temperature (t)
8 minutes max
TAPE & REEL:
ASTMLP
Unit: mm
Device Size
D0
D1 min.
E1
E2 min.
F
P0
P1
P2
2016
1.55±0.05
0.9
1.75±0.1
6.05
3.5±0.05
4.0±0.1
4.0±0.1
2.0±0.05
2520
1.55±0.05
1.0
1.75±0.1
5.85
3.5±0.05
4.0±0.1
4.0±0.1
2.0±0.05
3225
1.5+0.1/-
0.0
1.0
1.75±0.1
5.95
3.5±0.05
4.0±0.1
4.0±0.1
2.0±0.05
5032
1.5+0.1/-
0.0
1.5
1.75±0.1
10.25
5.5±0.05
4.0±0.1
8.0±0.1
2.0±0.05
7050
1.5+0.1/-
0.0
1.5
1.75±0.1
14.25
7.5±0.1
4.0±0.1
8.0±0.1
2.0±0.1
Device Size
T
T1 max.
T2 max.
W max.
A0
B0
K0
2016
0.3±0.05
0.1
1.55
8.3
1.9±0.05
2.3±0.05
1.00±0.10
2520
0.3±0.05
0.1
1.65
8.3
2.25±0.05
2.8±0.05
1.10±0.10
3225
0.2±0.05
0.1
1.6
8.2
2.7±0.10
3.4±0.10
1.15±0.10
5032
0.6
0.1
1.65
12.3
3.5±0.10
5.3±0.10
1.10±0.10
7050
0.6
0.1
1.80
16.3
5.4±0.10
7.4±0.10
1.3±0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com