Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMLP Datasheet(PDF) 10 Page - Abracon Corporation

Part # ASTMLP
Description  Consumer electronics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMLP Datasheet(HTML) 10 Page - Abracon Corporation

Back Button ASTMLP Datasheet HTML 5Page - Abracon Corporation ASTMLP Datasheet HTML 6Page - Abracon Corporation ASTMLP Datasheet HTML 7Page - Abracon Corporation ASTMLP Datasheet HTML 8Page - Abracon Corporation ASTMLP Datasheet HTML 9Page - Abracon Corporation ASTMLP Datasheet HTML 10Page - Abracon Corporation ASTMLP Datasheet HTML 11Page - Abracon Corporation ASTMLP Datasheet HTML 12Page - Abracon Corporation ASTMLP Datasheet HTML 13Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
ASTMLP
Low power, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
OUTLINE DIMENSION:
Recommended Land Pattern
Recommended Land Pattern
Recommended Land Pattern
2.0 x 1.6mm Package (Option “A”)
2.5 x 2.0mm Package (Option “D”)
3.2 x 2.5mm Package (Option “E”)
ASTMLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com