Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMLP Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASTMLP
Description  Consumer electronics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMLP Datasheet(HTML) 1 Page - Abracon Corporation

  ASTMLP Datasheet HTML 1Page - Abracon Corporation ASTMLP Datasheet HTML 2Page - Abracon Corporation ASTMLP Datasheet HTML 3Page - Abracon Corporation ASTMLP Datasheet HTML 4Page - Abracon Corporation ASTMLP Datasheet HTML 5Page - Abracon Corporation ASTMLP Datasheet HTML 6Page - Abracon Corporation ASTMLP Datasheet HTML 7Page - Abracon Corporation ASTMLP Datasheet HTML 8Page - Abracon Corporation ASTMLP Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ASTMLP
ASTMLP
APPLICATIONS:
FEATURES:
Low power, Programmable SMD MEMS Oscillator
STANDARD SPECIFICATIONS:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Moisture Sensitivity Level (MSL) – 1
Pb RoHS/RoHS II compliant
ESD Sensitive
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
• Industry Standard package sizes: 2.0 x 1.6 x 0.75mm, 2.5 x 2.0 x 0.75mm,
3.2 x 2.5 x 0.75mm, 5 x 3.2 x 0.75mm, 7.0 x 5.0 x 0.9mm
• Any frequency between 1MHz and 137MHz
• Supply Voltage options: 3.3V, 3.0V, 2.8V, 2.5V, 1.8V, 2.25V ~ 3.63V
• Low Current Consumption: 3.5mA typ. (@20MHz, 1.8V, no load);
4.9mA typ. (@125MHz, 1.8V, no load)
• Frequency Stability options: ±20ppm, ±25ppm, ±50ppm over -20 to +70°C
and -40 to +85°C
• Factory programmable drive strength for improved jitter, reduced EMI or
higher capacitive output load
• High Performance MEMS Technology by SiTime
• GPON, EPON
• Portable devices
• Consumer electronics
• Network switches, router, servers
• Ethernet, USB, SATA, SAS, Firewire
• Harsh environment (vibration, shock-prone and humid)
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
Parameters
Min
Typ
Max
Unit
Notes
Output Frequency Range (F)
1
110
MHz
115
137
Standard Frequencies
See Section 1.1 for Standard Frequencies
MHz
Frequency Stability (Fstab)
-20
+20
ppm
Inclusive of initial tolerance at 25°C, 1st
year aging at 25°C, and variations over
operating temperature, rated power
supply voltage and load (15pF±10%)
-25
+25
-50
+50
Operating Temperature Range (Tuse)
-20
+70
°C
Option “E”
-40
+85
Option “L”
Supply Voltage (Vdd)
1.62
1.8
1.98
V
Option “18”
2.25
2.5
2.75
Option “25”
2.52
2.8
3.08
Option “28”
2.7
3.0
3.3
Option “30”
2.97
3.3
3.63
Option “33”
2.25
3.63
Option “Blank” (default)
Current Consumption ( Idd )
3.8
4.5
mA
No load, F=20MHz, Vdd=2.8V,3.0V,3.3V
or 2.25V-3.63V
3.7
4.2
No load, F=20MHz, Vdd=2.5V
3.5
4.1
No load, F=20MHz, Vdd=1.8V
6.2
7.5
No load, F=125MHz,
Vdd=2.8V,3.0V,3.3V or 2.25V-3.63V
5.5
6.4
No load, F=125MHz, Vdd=2.5V
4.9
5.6
No load, F=125MHz, Vdd=1.8V
OE Disable Current (IOD)
4.2
mA
Vdd=2.5V-3.3V, OE=GND, output is in
High-Z state
4.0
Vdd=1.8V, OE=GND, output is in High-Z
state
Standby Current (Istd)
2.6
4.3
µA
ST=GND, Vdd=2.8V-3.3V, output is
weakly pulled down
1.4
2.5
ST=GND, Vdd=2.5V, output is weakly
pulled down
0.6
1.3
ST=GND, Vdd=1.8V, output is weakly
pulled down
Startup Time (Tstart)
5
ms
Measured from the time Vdd reaches its
rated minimum value
Enable/Disable Time (Toe)
130
ns
F=110MHz. For other frequencies,
Toe=100ns+3*cycles
122
F=137MHz. For other frequencies,
Toe=100ns+3*cycles
Resume Time ( Tresume)
5
ms
Measured from the time ST pin crosses
50% threshold
All Min and Max limits are specified over temperature and rated operating voltage with 15pF output load unless otherwise stated.
Typical values are at 25°C and nominal supply voltage.


Similar Part No. - ASTMLP

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
ASTM A581/A582 KEYSTONE-ASTM A581/A582 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
ASTM A581/A582 KEYSTONE-ASTM A581/A582 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
ASTM B211 KEYSTONE-ASTM B211 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
ASTM B211 KEYSTONE-ASTM B211 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
ASTM B633 KEYSTONE-ASTM B633 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
More results

Similar Description - ASTMLP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
ICs for Consumer Electronics
2000-01-14
logo
Siemens Semiconductor G...
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
ICs for Consumer Electronics
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
ICs for Consumer Electronics
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
List of Unclassifed Man...
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
Low-Cost Consumer Electronics Applications
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
Low-Cost Consumer Electronics Applications
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
Integrated consumer electronics control
REV. A
logo
Silicon Laboratories
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
Consumer electronics
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
Consumer electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com