Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMLP Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASTMLP
Description  Consumer electronics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMLP Datasheet(HTML) 2 Page - Abracon Corporation

  ASTMLP Datasheet HTML 1Page - Abracon Corporation ASTMLP Datasheet HTML 2Page - Abracon Corporation ASTMLP Datasheet HTML 3Page - Abracon Corporation ASTMLP Datasheet HTML 4Page - Abracon Corporation ASTMLP Datasheet HTML 5Page - Abracon Corporation ASTMLP Datasheet HTML 6Page - Abracon Corporation ASTMLP Datasheet HTML 7Page - Abracon Corporation ASTMLP Datasheet HTML 8Page - Abracon Corporation ASTMLP Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
ASTMLP
Low power, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
(Continued)
Standard Frequency (MHz)
Standard Frequency (MHz)
3.57
4
4.096
6
7.3728
8.192
10
12
14
18.432
19.2
20
24
24.576
25
25.000625
26
27
28.6363
30
31.25
32.768
33
33.3
33.33
33.333
33.3333
33.3333
37.5
38
38.4
40
40.5
48
50
54
60
62.5
65
66
66.66
66.66
66.666
66.6666 66.66666
72
74.175824
74.176
74.25
75
77.76
Parameters
Min
Typ
Max
Unit
Notes
Output Type
LVCMOS
%
5
5
5
4
e
l
c
y
C
y
t
u
D
All Vdd options
Rise/Fall Time ( Tr /Tf)
1
2
ns
Vdd=2.5V, 2.8V, 3.0V or 3.3V, 20%-80%
1.3
2.5
Vdd=1.8V, 20%-80%
2
Vdd=2.25V-3.63V, 20%-80%
Output High Voltage (VOH)
90%*Vdd
V
IOH=-4mA (Vdd=3.0V or 3.3V)
IOH=-3mA (Vdd=2.8V or 2.5V)
IOH=-2mA (Vdd=1.8V)
Output Low Voltage (VOL)
10%*Vdd
V
IOL=4mA (Vdd=3.0V or 3.3V)
IOL=3mA (Vdd=2.8V or 2.5V)
IOL=2mA (Vdd=1.8V)
Input High Voltage(VIH)
70%*Vdd
V
Pin 1
Input Low Voltage(VIL)
30%*Vdd
V
Pin 1
Input Pull-up Impedance ( Zin)
50
87
150
kΩ
Pin 1, OE logic high or logic low,
ST
logic high
2
MΩ Pin 1, ST logic low
RMS Period Jitter ( Tjitt)
1.8
3
ps
F=75MHz, Vdd=2.5V, 2.8V, 3.0V or
3.3V
1.8
3
F=75MHz, Vdd=1.8V
1.9
3
F=125MHz, Vdd=2.5V, 2.8V, 3.0V or
3.3V
1.8
4
F=125MHz, Vdd=1.8V
Peak-to-peak Period Jitter (Tpk)
12
25
ps
F=75MHz, 125MHz, Vdd=2.5V, 2.8V,
3.0V or 3.3V
14
30
F=75MHz, 125MHz, Vdd=1.8V
RMS Phase Jitter (random) ( Tphj)
0.5
0.9
ps
F=75MHz, integration
bandwidth=900kHz to 7.5MHz
1.3
2
F=75MHz, integration bandwidth=12kHz
to 20MHz
ASTMLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com